Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR0080 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # TR0080
Description  DUAL NPN DARLINGTON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0080 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  TR0080 Datasheet HTML 1Page - Solid States Devices, Inc TR0080 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pulse Test: Pulse Width = 300
µsec max, Duty Cycle = 2% max
PACKAGE OUTLINE: TO-3 (8 Pins)
Ø.875
MAX
.135 MAX
.310
.275
1.197
1.177
R.188 MAX
R.525 MAX
2x Ø
.165
.151
.460
.215
8
7
6
5
4
3
2
1
8x Ø
.043
.037
Ø
.505
.495
LEAD CIRCLE
80°
REF
40°
REF
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPT35P3
ELECTRICAL CHARACTERISTICS (Per Darlington)
Symbol
Min
Max
Unit
Collector – Emitter Sustaining Voltage *
(Each Darlington)
IC = 10 mA
BVCEO
60
––
Volts
Collector – Base Breakdown Voltage *
IC = 1 mA
BVCBO
60
––
Volts
Collector Cutoff Current
(VCE = 40 V)
TC = 25
oC
TC = 150
oC
ICEO
––
––
0.1
200
µA
Emitter Cutoff Current
(VBE = 5 V)
IEBO
1.5
mA
DC Current Gain *
(VCE = 5 V)
IC = 2 A, TA = 25
oC
IC = 0.4 A, TA = -55
oC
hFE
2000
100
––
––
Collector – Emitter Saturation Voltage *
IC = 2 A, IB = 4 mA
VCE(SAT)
––
1.5
Volts
Base – Emitter Saturation Voltage *
IC = 2 A, IB = 4 mA
VBE (SAT)
––
2.0
Volts
Commutating Diodes (Per Darlington)
Symbol
Min
Max
Unit
Break Down Voltage
IR = 100
µA
BVR
60
––
Volts
Reverse Leakage Current
VR = 40 V
VR = 40 V, TC = 100
oC
IR1
IR2
––
––
0.5
500
µA
µA
Forward Voltage Drop
IF = 2 A
VF
––
1.5
Volts
Reverse Recovery Time
IF = 0.5 A, IR = 0.5 A,
IRR = 0.25 A
tRR
––
2
µs
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0080D
DOC


Similar Part No. - TR0080

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
TR0081F SSDI-TR0081F Datasheet
159Kb / 3P
   1 AMP, 500 Volts High Voltage PNP Transistor
TR0081F SSDI-TR0081F Datasheet
159Kb / 3P
   High Voltage PNP Transistor
TR0082A SSDI-TR0082A Datasheet
33Kb / 2P
   PNP TRANSISTOR
TR0083A SSDI-TR0083A Datasheet
31Kb / 2P
   NPN Transistor
TR0086 SSDI-TR0086 Datasheet
32Kb / 2P
   NPN Switching Transistor
More results

Similar Description - TR0080

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
   NPN Darlington Transistor
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
   NPN (DARLINGTON TRANSISTOR)
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
   Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
   NPN Darlington Transistor
logo
NXP Semiconductors
BC517 PHILIPS-BC517 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 23
logo
Fairchild Semiconductor
TN6725A FAIRCHILD-TN6725A Datasheet
26Kb / 2P
   NPN Darlington Transistor
logo
First Components Intern...
BC618 FCI-BC618 Datasheet
73Kb / 5P
   NPN Darlington Transistor
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
   NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
   NPN Darlington Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com