Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR0045B Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # TR0045B
Description  Dual NPN Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0045B Datasheet(HTML) 2 Page - Solid States Devices, Inc

  TR0045B Datasheet HTML 1Page - Solid States Devices, Inc TR0045B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT2369A2
Series
Electrical Characteristic
4/
Symbol
Min
Max
Units
Collector – Emitter Sustaining Voltage
IC= 10 mA
BVCEO
15
Volts
Collector Cutoff Current
VCE= 20 V, VBE= 0 V
VCE= 10 V, VBE= 0.25 V, TA= 125ºC
ICEX
0.4
30
µA
Collector Cutoff Current
VCB= 32 V
VCB= 40 V
VCB= 20 V, TA= 150ºC
ICBO
0.2
10
30
µA
Emitter Cutoff Current
VEB= 4.0 V
VEB= 4.5 V
IEBO
0.25
10
µA
DC Forward Current Transfer Ratio 5/
VCE= 0.35 V, IC=10 mA
VCE= 0.40 V, IC= 30 mA
VCE= 1.0 V, IC= 10 mA
VCE= 1.0 V, IC= 100 mA
VCE= 1.0 V, IC= 10 mA, TA= -55ºC
HFE
40
30
40
20
20
120
120
120
120
Collector – Emitter Saturation Voltage 5/
IC=10 mA, IB=1.0 mA
IC= 30 mA, IB= 3.0 mA
IC= 100 mA, IB= 10 mA
IC= 10 mA, IB= 1.0 mA, TA= 125ºC
VCE(Sat)
0.20
0.25
0.45
0.30
Volts
Base – Emitter Saturation Voltage 5/
IC=10 mA, IB=1.0 mA
IC= 30 mA, IB= 3.0 mA
IC= 100 mA, IB= 10 mA
IC= 10 mA, IB= 1.0 mA, TA= -55ºC
IC= 10 mA, IB= 1.0 mA, TA= 125ºC
VBE(Sat)
0.7
0.8
0.59
0.85
0.9
1.2
1.02
Volts
Frequency Transition
VCE= 20V, IC= 20mA, f= 100 MHz
fT
500
1000
MHz
Output Capacitance
VCE= 5 V, f= 1 MHz
cob
4.0
pF
Input Capacitance
VCE= 0.5 V, f= 1 MHz
cib
5.0
pF
Switching Times
Test Circuit per MIL-PRF-19500/317
ton
toff
ts
12
18
13
ns
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ For Package Outlines Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics @ 25ºC.
5/ Pulse Test: Pulse Width= 300µsec, Duty Cycle= 2%
Available Part Numbers:
SFT2369A2GW
PIN ASSIGNMENT
Package
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
GW
Collector1
Base1
Emitter1
Collector2
Base2
Emitter2
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0045B
DOC


Similar Part No. - TR0045B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
TR0040 SSDI-TR0040 Datasheet
121Kb / 2P
   HIGH SPEED PNP Transistor
logo
TAI-SAW TECHNOLOGY CO.,...
TR0040AA0095 TAI-SAW-TR0040AA0095 Datasheet
280Kb / 6P
   Dielectric filter 3550MHz size15.9x4.4mm
logo
Solid States Devices, I...
TR0041 SSDI-TR0041 Datasheet
36Kb / 2P
   HIGH SPEED NPN Transistor
logo
TAI-SAW TECHNOLOGY CO.,...
TR0041AA0092 TAI-SAW-TR0041AA0092 Datasheet
265Kb / 7P
   Dielectric filter 5795MHz BW 80MHz Size 8.7x3.22mm
logo
Solid States Devices, I...
TR0043E SSDI-TR0043E Datasheet
128Kb / 2P
   NPN Transistor
More results

Similar Description - TR0045B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
BC846S JIANGSU-BC846S Datasheet
2Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com