Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA020-060-22-13 Datasheet(PDF) 2 Page - Transcom, Inc.

Part # TA020-060-22-13
Description  2 ~ 6GHz 22dB Gain 13dBm Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA020-060-22-13 Datasheet(HTML) 2 Page - Transcom, Inc.

  TA020-060-22-13 Datasheet HTML 1Page - Transcom, Inc. TA020-060-22-13 Datasheet HTML 2Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TA020-060-22-13
REV0_2009/08/28
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2/2


Similar Part No. - TA020-060-22-13

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA020-060-20-27 TRANSCOM-TA020-060-20-27 Datasheet
63Kb / 2P
   2 ~ 6 GHz 22dB Gain 27dBm Power Amplifier
TA020-060-24-21 TRANSCOM-TA020-060-24-21 Datasheet
63Kb / 2P
   2 ~ 6GHz 24dB Gain 21dBm Power Amplifier
TA020-060-24-23 TRANSCOM-TA020-060-24-23 Datasheet
63Kb / 2P
   2 ~ 6GHz 24dB Gain 23dBm Power Amplifier
More results

Similar Description - TA020-060-22-13

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA020-060-35-13 TRANSCOM-TA020-060-35-13 Datasheet
63Kb / 2P
   2 ~ 6GHz 35dB Gain 13dBm Power Amplifier
TA020-060-20-27 TRANSCOM-TA020-060-20-27 Datasheet
63Kb / 2P
   2 ~ 6 GHz 22dB Gain 27dBm Power Amplifier
TA020-060-24-21 TRANSCOM-TA020-060-24-21 Datasheet
63Kb / 2P
   2 ~ 6GHz 24dB Gain 21dBm Power Amplifier
TA020-060-24-23 TRANSCOM-TA020-060-24-23 Datasheet
63Kb / 2P
   2 ~ 6GHz 24dB Gain 23dBm Power Amplifier
TA020-060-30-27 TRANSCOM-TA020-060-30-27 Datasheet
63Kb / 2P
   2 ~ 6GHz 30dB Gain 27dBm Power Amplifier
logo
TriQuint Semiconductor
TGA2578 TRIQUINT-TGA2578 Datasheet
576Kb / 13P
   2-6GHz 30W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30789 AVAGO-MGA-30789 Datasheet
691Kb / 14P
   2 - 6GHz High Linearity Gain Block
MGA-30989 AVAGO-MGA-30989 Datasheet
669Kb / 13P
   2 - 6GHz, High Linearity Gain Block
MGA-30989 AVAGO-MGA-30989_15 Datasheet
680Kb / 13P
   2 - 6GHz, High Linearity Gain Block
logo
Broadcom Corporation.
MGA-30989 BOARDCOM-MGA-30989 Datasheet
680Kb / 13P
   2 - 6GHz, High Linearity Gain Block
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com