Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2501L-3 Datasheet(PDF) 8 Page - celduc-relais

Part # PS2501L-3
Description  HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

PS2501L-3 Datasheet(HTML) 8 Page - celduc-relais

Back Button PS2501L-3 Datasheet HTML 4Page - celduc-relais PS2501L-3 Datasheet HTML 5Page - celduc-relais PS2501L-3 Datasheet HTML 6Page - celduc-relais PS2501L-3 Datasheet HTML 7Page - celduc-relais PS2501L-3 Datasheet HTML 8Page - celduc-relais PS2501L-3 Datasheet HTML 9Page - celduc-relais PS2501L-3 Datasheet HTML 10Page - celduc-relais PS2501L-3 Datasheet HTML 11Page - celduc-relais PS2501L-3 Datasheet HTML 12Page - celduc-relais Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PS2501-1,-4,PS2501L-1,-4
1.2
–50
1.0
0.8
0.6
0.4
0.2
0
–25
0
25
50
75
100
50
10
1
0.1
10 k
5 k
1 k
500
100
50
10
1 000
100
10
1
10 k
5 k
1 k
500
100
0
–5
–10
–15
–20
0.5
1
2
5
10 20
50 100 200 500
100 k
50 k
IC = 2 mA,
VCC = 10 V,
CTR = 290%
tf
tr
td
ts
IF = 5 mA,
VCC = 5 V,
CTR = 290%
8
ts
td
tr
tf
IF = 5 mA,
VCE = 5 V
100
Ω
300
Ω
RL = 1 k
Ω
Normalized to 1.0
at TA = 25
°C,
IF = 5 mA, VCE = 5 V
Forward Current IF (mA)
Ambient Temperature TA (
°C)
Load Resistance RL (
Ω)
Frequency f (kHz)
Load Resistance RL (
Ω)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
SWITCHING TIME vs.
LOAD RESISTANCE
SWITCHING TIME vs.
LOAD RESISTANCE
FREQUENCY RESPONSE
450
400
350
300
250
200
150
100
50
0
0.05 0.1
0.5
1
5
10
50
TA = 25
°C
TA = 60
°C
1.2
1.0
0.8
0.6
0.4
0.2
0
102
103
104
Time (Hr)
LONG TERM CTR DEGRADATION
IF = 5 mA
105
Sample A
B
C
D
VCE = 5 V
Remark
The graphs indicate nominal characteristics.
Data Sheet PN10225EJ05V0DS


Similar Part No. - PS2501L-3

ManufacturerPart #DatasheetDescription
logo
NEC
PS2501L-1 NEC-PS2501L-1 Datasheet
109Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501L-1 CEL-PS2501L-1 Datasheet
452Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2501L-1 NEC-PS2501L-1 Datasheet
126Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2501L-1 RENESAS-PS2501L-1 Datasheet
258Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501L-1 CEL-PS2501L-1 Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2501L-3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2501-1 RENESAS-PS2501-1 Datasheet
258Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2561L-1 CEL-PS2561L-1 Datasheet
496Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501-1 CEL-PS2501-1_13 Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2561A-1 CEL-PS2561A-1_13 Datasheet
950Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2561-1 RENESAS-PS2561-1_15 Datasheet
311Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2501L-1-L ETC2-PS2501L-1-L Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501A-1 ETC1-PS2501A-1 Datasheet
371Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501A-1 CEL-PS2501A-1 Datasheet
233Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2501-1 NEC-PS2501-1_1 Datasheet
126Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501-1 CEL-PS2501-1 Datasheet
452Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com