Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2501-1 Datasheet(PDF) 2 Page - celduc-relais

Part # PS2501-1
Description  HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

PS2501-1 Datasheet(HTML) 2 Page - celduc-relais

  PS2501-1 Datasheet HTML 1Page - celduc-relais PS2501-1 Datasheet HTML 2Page - celduc-relais PS2501-1 Datasheet HTML 3Page - celduc-relais PS2501-1 Datasheet HTML 4Page - celduc-relais PS2501-1 Datasheet HTML 5Page - celduc-relais PS2501-1 Datasheet HTML 6Page - celduc-relais PS2501-1 Datasheet HTML 7Page - celduc-relais PS2501-1 Datasheet HTML 8Page - celduc-relais PS2501-1 Datasheet HTML 9Page - celduc-relais Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PS2501-1,-4,PS2501L-1,-4
PACKAGE DIMENSIONS (UNIT : mm)
DIP Type
PS2501-4
PS2501-1
19.8±0.5
2.54
1.25±0.15
0.50±0.10
0.25 M
0 to 15
°
7.62
0.25
+0.1
–0.05
2.54
1.25±0.15
0.50±0.10
0.25 M
4.6±0.35
0 to 15
°
7.62
0.25
+0.1
–0.05
1
2
4
3
1
8
16
9
Lead Bending Type
PS2501L-4
PS2501L-1
0.25 M
4.6±0.35
2.54
1.25±0.15
0.15
0.9±0.25
9.60±0.4
19.8±0.5
2.54
1.25±0.15
0.25 M
0.15
0.9±0.25
9.60±0.4
1
2
4
3
1
8
16
9
PHOTOCOUPLER CONSTRUCTION
Parameter
Unit (MIN.)
Air Distance
7 mm
Outer Creepage Distance
7 mm
Inner Creepage Distance
3.5 mm
Isolation Distance
0.3 mm
2
Data Sheet PN10225EJ05V0DS


Similar Part No. - PS2501-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2501-1 NEC-PS2501-1 Datasheet
109Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2501-1 RENESAS-PS2501-1 Datasheet
5Mb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE
Rev.1.00 Dec 25, 2020
logo
ISOCOM COMPONENTS
PS2501-1 ISOCOM-PS2501-1 Datasheet
82Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
California Eastern Labs
PS2501-1 CEL-PS2501-1 Datasheet
452Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2501-1 NEC-PS2501-1 Datasheet
126Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2501-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2501-1 RENESAS-PS2501-1 Datasheet
258Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2561L-1 CEL-PS2561L-1 Datasheet
496Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501-1 CEL-PS2501-1_13 Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2561A-1 CEL-PS2561A-1_13 Datasheet
950Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2561-1 RENESAS-PS2561-1_15 Datasheet
311Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2501L-1-L ETC2-PS2501L-1-L Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501A-1 ETC1-PS2501A-1 Datasheet
371Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501A-1 CEL-PS2501A-1 Datasheet
233Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2501-1 NEC-PS2501-1_1 Datasheet
126Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501-1 CEL-PS2501-1 Datasheet
452Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com