Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZW04P145 Datasheet(PDF) 4 Page - General Semiconductor

Part # BZW04P145
Description  TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BZW04P145 Datasheet(HTML) 4 Page - General Semiconductor

  BZW04P145 Datasheet HTML 1Page - General Semiconductor BZW04P145 Datasheet HTML 2Page - General Semiconductor BZW04P145 Datasheet HTML 3Page - General Semiconductor BZW04P145 Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0
1.0
2.0
3.0
4.0
0
100
150
50
1
10
100
0
10
20
30
40
50
0
50
100
150
200
0
25
50
75
100
25
75
125
175
1.0
10
100
200
10
1000
10,000
100,000
0
25
50
75
100
125
150
175
200
0
0.25
0.50
0.75
1.00
0
100
200
300
400
500
0.01
0.1
1
10
100
0.1µs
1.0µs10µs
100µs
1.0ms
10ms
0.1
1.0
10
100
RATINGS AND CHARACTERISTIC CURVES BZW04P5V8 THRU BZW04-376
FIG. 1 - PEAK PULSE POWER RATING CURVE
td, PULSE WIDTH, sec.
TA, AMBIENT TEMPERATURE, °C
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
FIG. 3 - PULSE WAVEFORM
t, TIME, ms
V(BR), BREAKDOWN VOLTAGE, VOLTS
TL, LEAD TEMPERATURE,°C
V(BR), BREAKDOWN VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60 HZ
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG. 3
TA=25°C
TA=25°C
PULSE WIDTH (td) is
DEFINED as the POINT
WHERE the PEAK
CURRENT DECAYS
to 50% of IPP
tr=10
µsec.
TJ=25°C
f=1.0 MHz
Vsig=50mVp-p
MEASURED at
ZERO BIAS
MEASURED at
STAND-OFF
VOLTAGE, VWM
TA=25°C
MEASURED at
DEVICES
STAND-OFF
VOLTAGE, VWM
1.6 x 1.6 x 0.040"
(40 x 40 x 1mm.)
COPPER HEAT SINKS
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=TJ max.
PEAK VALUE
IPPM
HALF VALUE - IPP
2
10/1000
µsec. WAVEFORM
AS DEFINED BY R.E.A.
FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT UNIDIRECTIONAL
FIG. 5 - STEADY STATE POWER DERATING CURVE
FIG. 2 - PULSE DERATING CURVE
FIG. 7-TYPICAL REVERSE LEAKAGE CHARACTERISTICS
60 HZ
RESISTIVE OR INDUCTIVE LOAD
td
= 0.375”(9.5mm)
LEAD LENGTH
L


Similar Part No. - BZW04P145

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZW04P145 EIC-BZW04P145 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
BZW04P145 BILIN-BZW04P145 Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04P145 VISHAY-BZW04P145 Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
BZW04P145 VISHAY-BZW04P145 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
logo
Shenzhen Taychipst Elec...
BZW04P145 TAYCHIPST-BZW04P145 Datasheet
3Mb / 4P
   Transient Voltage Suppressors
More results

Similar Description - BZW04P145

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ICTE5.0 GE-ICTE5.0 Datasheet
46Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P4KE530 GE-P4KE530 Datasheet
37Kb / 2P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 GE-P6KE68 Datasheet
65Kb / 4P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE6.8 NJSEMI-1.5KE6.8 Datasheet
193Kb / 3P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
1.5KE6.8 GE-1.5KE6.8 Datasheet
66Kb / 6P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SM15T GE-SM15T Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBG GE-SMBG Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SMCG GE-SMCG Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LCE6.5A NJSEMI-LCE6.5A Datasheet
222Kb / 2P
   LOW CAPACITANCE TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
SM6T GE-SM6T Datasheet
55Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com