Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ1CY1032ZPH Datasheet(PDF) 6 Page - Sharp Corporation

Part # PQ1CY1032ZPH
Description  Maximum switching current: 3.5A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1CY1032ZPH Datasheet(HTML) 6 Page - Sharp Corporation

  PQ1CY1032ZPH Datasheet HTML 1Page - Sharp Corporation PQ1CY1032ZPH Datasheet HTML 2Page - Sharp Corporation PQ1CY1032ZPH Datasheet HTML 3Page - Sharp Corporation PQ1CY1032ZPH Datasheet HTML 4Page - Sharp Corporation PQ1CY1032ZPH Datasheet HTML 5Page - Sharp Corporation PQ1CY1032ZPH Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Sheet No.: OP06039
PQ1CY1032ZxH
Fig.17 Polarity Inversion Type Circuit Diagram
1
2
L
D
5
3
4
+
+
PQ1CY1032Z
0.47~1μF
100k~
680kΩ
VIN
5 to 30V
CIN
220μF
CS
RS
65μH
R2
3kΩ
R1
1kΩ
CO
2200μF
VO -5V
ON/OFF control signal
Load
In case of polarity is reverse, depending on the conditions,there is cases that output voltage can not gain,
please use this device after confirming the output voltage at the actual conditions.


Similar Part No. - PQ1CY1032ZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CY1032ZP SHARP-PQ1CY1032ZP Datasheet
94Kb / 9P
   TO-263 Surface Mount Type Chopper Regulator
More results

Similar Description - PQ1CY1032ZPH

ManufacturerPart #DatasheetDescription
logo
Rohm
RDS035L03 ROHM-RDS035L03 Datasheet
44Kb / 4P
   Switching (30V, 3.5A)
SP8K5 ROHM-SP8K5 Datasheet
59Kb / 4P
   Switching (30V, 3.5A)
logo
STMicroelectronics
L4974A STMICROELECTRONICS-L4974A Datasheet
327Kb / 22P
   3.5A SWITCHING REGULATOR
June 2000
logo
Anaren Microwave
MSK5044RH ANAREN-MSK5044RH Datasheet
1Mb / 9P
   RAD HARD 3.5A SWITCHING REGULATOR
MSK5048RH ANAREN-MSK5048RH Datasheet
657Kb / 8P
   RAD HARD 3.5A SWITCHING REGULATOR
logo
STMicroelectronics
L4973 STMICROELECTRONICS-L4973 Datasheet
367Kb / 27P
   3.5A step down switching regulator
L4973V33-L4973V51 STMICROELECTRONICS-L4973V33-L4973V51 Datasheet
222Kb / 16P
   3.5A STEP DOWN SWITCHING REGULATOR
April 2000
logo
Linear Technology
LT3972 LINER-LT3972_15 Datasheet
343Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LT3680 LINER-LT3680_15 Datasheet
308Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
logo
Inchange Semiconductor ...
2SK1548 ISC-2SK1548 Datasheet
61Kb / 2P
   Drain Current ?밒D=3.5A@ TC=25C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com