Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG4020ETP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMEG4020ETP
Description  40 V, 2 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG4020ETP Datasheet(HTML) 4 Page - NXP Semiconductors

  PMEG4020ETP Datasheet HTML 1Page - NXP Semiconductors PMEG4020ETP Datasheet HTML 2Page - NXP Semiconductors PMEG4020ETP Datasheet HTML 3Page - NXP Semiconductors PMEG4020ETP Datasheet HTML 4Page - NXP Semiconductors PMEG4020ETP Datasheet HTML 5Page - NXP Semiconductors PMEG4020ETP Datasheet HTML 6Page - NXP Semiconductors PMEG4020ETP Datasheet HTML 7Page - NXP Semiconductors PMEG4020ETP Datasheet HTML 8Page - NXP Semiconductors PMEG4020ETP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PMEG4020ETP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 5 October 2011
4 of 14
NXP Semiconductors
PMEG4020ETP
40 V, 2 A low VF MEGA Schottky barrier rectifier
FR4 PCB, standard footprint
Fig 1.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
FR4 PCB, mounting pad for cathode 1 cm2
Fig 2.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aab678
10
1
102
103
Zth(j-a)
(K/W)
10−1
tp (s)
10−3
102
103
10
1
10−2
10−1
duty cycle =
1
0.75
0.5
0.33
0.2
0.25
0.1
0.05
0.02
0.01
0
006aab679
10
1
102
103
Zth(j-a)
(K/W)
10−1
tp (s)
10−3
102
103
10
1
10−2
10−1
duty cycle =
1
0.75
0.5
0.33
0.2
0.25
0.1
0.05
0.02
0.01
0


Similar Part No. - PMEG4020ETP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4020ETP NEXPERIA-PMEG4020ETP Datasheet
245Kb / 12P
   High temperature 40 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG4020ETP-Q NEXPERIA-PMEG4020ETP-Q Datasheet
245Kb / 12P
   High temperature 40 V, 2 A low VF Schottky barrier rectifier
20 February 2023
More results

Similar Description - PMEG4020ETP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4020EPAS NEXPERIA-PMEG4020EPAS Datasheet
710Kb / 15P
   40 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG4020ETR NEXPERIA-PMEG4020ETR Datasheet
229Kb / 13P
   40 V, 2 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG4020EPAS PHILIPS-PMEG4020EPAS_15 Datasheet
227Kb / 15P
   40 V, 2 A low VF MEGA Schottky barrier rectifier
19 January 2015
PMEG4020EPK PHILIPS-PMEG4020EPK_15 Datasheet
212Kb / 15P
   40 V, 2 A low VF MEGA Schottky barrier rectifier
11 February 2014
logo
Nexperia B.V. All right...
PMEG4020EPK NEXPERIA-PMEG4020EPK Datasheet
703Kb / 15P
   40 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG40T20EP-Q NEXPERIA-PMEG40T20EP-Q Datasheet
245Kb / 13P
   40 V, 2 A low VF Trench MEGA Schottky barrier rectifier
9 November 2021
PMEG40T20ER NEXPERIA-PMEG40T20ER Datasheet
229Kb / 14P
   40 V, 2 A low VF Trench MEGA Schottky barrier rectifier
PMEG40T20ER-Q NEXPERIA-PMEG40T20ER-Q Datasheet
251Kb / 13P
   40 V, 2 A low VF Trench MEGA Schottky barrier rectifier
8 November 2021
PMEG40T20EP NEXPERIA-PMEG40T20EP Datasheet
227Kb / 14P
   40 V, 2 A low VF Trench MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG4010EPK PHILIPS-PMEG4010EPK_15 Datasheet
1Mb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2-6 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com