Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV2200 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV2200
Description  Low Voltage Comparators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV2200 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV2200 Datasheet HTML 3Page - ON Semiconductor NCV2200 Datasheet HTML 4Page - ON Semiconductor NCV2200 Datasheet HTML 5Page - ON Semiconductor NCV2200 Datasheet HTML 6Page - ON Semiconductor NCV2200 Datasheet HTML 7Page - ON Semiconductor NCV2200 Datasheet HTML 8Page - ON Semiconductor NCV2200 Datasheet HTML 9Page - ON Semiconductor NCV2200 Datasheet HTML 10Page - ON Semiconductor NCV2200 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NCS2200, NCS2200A, NCV2200, NCS2202A
http://onsemi.com
7
500
300
600
200
400
0
700
0.5
−100
4.93
50
4.90
0
−50
4.88
VCC, SUPPLY VOLTAGE (V)
Figure 7. NCS2200 Series Output Voltage
High State versus Temperature
1.2
1.0
0.8
0.6
0.4
0.2
0
INPUT OVERDRIVE (mV)
4.95
0
3.0
6.0
0
150
100
50
200
0.3
0.6
0.2
0.4
0
0.7
0.8
VCC = 5.0 V
TA = 25°C
tPLH
TA, AMBIENT TEMPERATURE (°C)
4.89
4.91
4.92
4.94
100
150
100
tPHL
0.1
0
150
100
50
200
VCC = 2.7 V
TA = 25°C
tPLH
tPHL
INPUT OVERDRIVE (mV)
TA = 25°C
Input Overdrive = 100 mV
tLH
tHL
1.0
2.0
4.0
5.0
VCC
Output
10 ms/Div
Input Overdrive = 50 mV
Figure 8. NCS2200 Series Propagation Delay
versus Temperature
Figure 9. NCS2200 Series Output Response
Time versus Supply Voltage
Figure 10. NCS2200 Series Propagation Delay
versus Input Overdrive
Figure 11. NCS2200 Series Propagation Delay
versus Input Overdrive
Figure 12. NCS2200 Series Powerup Delay
−50
50
0.2
0
−25
0
1.0
TA, AMBIENT TEMPERATURE (°C)
0.4
0.6
0.8
75
100
25
tPHL
tPLH
VCC = 5.0 V
ILOAD = 4.0 mA
VCC = 5.0 V
Input Overdrive = 50 mV


Similar Part No. - NCV2200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV2200 ONSEMI-NCV2200 Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCV2200AMUTBG ONSEMI-NCV2200AMUTBG Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
NCV2200SN1T1G ONSEMI-NCV2200SN1T1G Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCV2200SN1T1G ONSEMI-NCV2200SN1T1G Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCV2200SN1T1G ONSEMI-NCV2200SN1T1G Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
More results

Similar Description - NCV2200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2200AGEVB ONSEMI-NCS2200AGEVB Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2200 ONSEMI-NCS2200 Datasheet
152Kb / 18P
   Low Voltage Comparators
March, 2005 ??Rev. 6
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
   Low Voltage Comparators
August, 2010 ??Rev. 10
NCS2200 ONSEMI-NCS2200_06 Datasheet
128Kb / 19P
   Low Voltage Comparators
August, 2006 ??Rev. 8
NCS2200 ONSEMI-NCS2200_15 Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
logo
Rohm
BU7251G ROHM-BU7251G Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com