Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

410051A18 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. 410051A18
Description  CONTROL KNOBS, MACHINED ALUMINUM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

410051A18 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  410051A18 Datasheet HTML 1Page - List of Unclassifed Manufacturers 410051A18 Datasheet HTML 2Page - List of Unclassifed Manufacturers 410051A18 Datasheet HTML 3Page - List of Unclassifed Manufacturers 410051A18 Datasheet HTML 4Page - List of Unclassifed Manufacturers 410051A18 Datasheet HTML 5Page - List of Unclassifed Manufacturers 410051A18 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U
U3
APEM, 63 Neck Road, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
42008 SERIES
Square serrations with plastic insert and line indicator on side
Notes: Dims. in inches & (millimeters).
Shaft size is last 3 digits of Model No.
42009 SERIES
Straight knurl with plastic insert and line indicator on top and chamfer around top
42011 SERIES
Smooth finish with plastic insert and line indicator on top
42012 SERIES
Straight knurl with plastic insert and line indicator on top
MODEL (Color-natural)
A
B
C
420121A1/8
.732 (18.6)
.374 (9.5)
.472 (12.0)
420121A1/4
.732 (18.6)
.374 (9.5)
.472 (12.0)
420122A1/4
.898 (22.8)
.433 (11.0)
.512 (13.0)
420123A1/4
1.280 (32.5)
.492 (12.5)
.551 (14.0)
420124A1/4
1.512 (38.4)
.531 (13.5)
.630 (16.0)
MODEL (Color-natural)
MODEL(Color-black)
ABC
420111A1/8
420111B1/8
.709 (18.0)
.374 (9.5)
.472 (12.0)
420111A1/4
420111B1/4
.709 (18.0)
.374 (9.5)
.472 (12.0)
420112A1/4
420112B1/4
.874 (22.2)
.433 (11.0)
.512 (13.0)
420113A1/4
420113B1/4
1.255 (31.9)
.492 (12.5)
.551 (14.0)
420114A1/4
420114B1/4
1.488 (37.8)
.531 (13.5)
.630 (16.0)
MODEL (Color black)
ABC
420091B1/8
.732 (18.6)
.374 (9.5)
.472 (12.0)
420091B1/4
.732 (18.6)
.374 (9.5)
.472 (12.0)
420092B1/4
.898 (22.8)
.433 (11.0)
.512 (13.0)
420093B1/4
1.280 (32.5)
.492 (12.5)
.551 (14.0)
420094B1/4
1.512 (38.4)
.531 (13.5)
.630 (16.0)
Note: Knob color is black only for this Series.
MODEL (Color-natural)
MODEL (Color-black)
A
B
C
D
E
F
G
420081A1/8*
420081B1/8*
.500 (12.7)
.402 (10.2)
.380 (9.7)
.402 (10.2)
.280 (7.1)
.512 (13.0)
.630 (16.0)
420081A1/4*
420081B1/4*
.500 (12.7)
.402 (10.2)
.380 (9.7)
.402 (10.2)
.280 (7.1)
.512 (13.0)
.630 (16.0)
420083A1/4
420083B1/4
.748 (19.0)
.681 (17.3)
.587 (14.9)
.681 (17.3)
.280 (7.1)
.512 (13.0)
.630 (16.0)
420085A1/4
420085B1/4
.940 (23.9)
.870 (22.1)
.709 (18.0)
.870 (22.1)
.280 (7.1)
.512 (13.0)
.630 (16.0)
420087A1/4
420087B1/4
1.248 (31.7)
1.165 (29.6)
.985 (25)
1.165 (29.6)
.280 (7.1)
.630 (16.0)
.630 (16.0)
* indicates solid
aluminum knob
Note: 420081A1/8 & 420081A1/4 have only one set screw.
* indicates solid
aluminum knob
* indicates solid
aluminum knob
* indicates solid
aluminum knob


Similar Part No. - 410051A18

ManufacturerPart No.DatasheetDescription
C&D Technologies
C&D Technologies
4100 CANDD-4100 Datasheet
172Kb / 1P
   Toroidal Surface Mount Inductors
Powerbox
Powerbox
4100 POWERBOX-4100 Datasheet
353Kb / 1P
   10W - 33KV SINGLEOUTPUT DC / DC INDUSTRIAL
Cypress Semiconductor
Cypress Semiconductor
4100 CYPRESS-4100 Datasheet
987Kb / 43P
   Programmable System-on-Chip (PSoC짰)
Murata Power Solutions Inc.
Murata Power Solutions ...
4100 MURATA-PS-4100 Datasheet
186Kb / 2P
   Toroidal Surface Mount Inductors
3M Electronics
3M Electronics
4100 3M-4100 Datasheet
31Kb / 8P
   Single-Coated Foam Tapes
More results

Similar Description - 410051A18

ManufacturerPart No.DatasheetDescription
Tyco Electronics
Tyco Electronics
KLNS500A1 MACOM-KLNS500A1 Datasheet
242Kb / 4P
   Knobs, Machined Aluminum
List of Unclassifed Manufacturers
List of Unclassifed Man...
450-2034-GRX ETC2-450-2034-GRX Datasheet
87Kb / 2P
   Control Knobs
45KN030 ETC1-45KN030 Datasheet
122Kb / 1P
   Aluminum Knobs
450-1425 ETC2-450-1425 Datasheet
125Kb / 1P
   Instrument Control Knobs
450-4660 ETC2-450-4660 Datasheet
80Kb / 1P
   Instrument Control Knobs
450-2518 ETC2-450-2518 Datasheet
90Kb / 1P
   Instrument Control Knobs
450-6015 ETC2-450-6015 Datasheet
122Kb / 1P
   Brushed Aluminum Knobs
450-3050 ETC2-450-3050 Datasheet
190Kb / 1P
   Slide Control Knobs
450-3618 ETC2-450-3618 Datasheet
132Kb / 1P
   Instrument Control Knobs
450-AE181 ETC2-450-AE181 Datasheet
201Kb / 2P
   Instrument Control Knobs
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz