Electronic Components Datasheet Search |
|
ADS6444IRGCTG4 Datasheet(PDF) 2 Page - Texas Instruments |
|
ADS6444IRGCTG4 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 82 page Reference INA_P INA_M CLKP CLKM VCM DCLKP DCLKM ADS644x SHA FCLKP FCLKM INB_P INB_M SHA SHA SHA INC_P INC_M IND_P IND_M PLL BIT Clock FRAME Clock DA0_P DA1_P DA0_M DA1_M DB0_P DB1_P DB0_M DB1_M DC0_P DC1_P DC0_M DC1_M DD0_P DD1_P DD0_M DD1_M Serial Interface Parallel Interface 14-Bit ADC 14-Bit ADC 14-Bit ADC 14-Bit ADC Digital Encoder and Serializer Digital Encoder and Serializer Digital Encoder and Serializer Digital Encoder and Serializer B0199-03 ADS6445, ADS6444 ADS6443, ADS6442 SLAS531B – MAY 2007 – REVISED DECEMBER 2009 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. DESCRIPTION (CONTINUED) The ADS644X has internal references, but can also support an external reference mode. The device is specified over the industrial temperature range (–40°C to 85°C). 2 Submit Documentation Feedback Copyright © 2007–2009, Texas Instruments Incorporated Product Folder Link(s): ADS6445, ADS6444 ADS6443, ADS6442 |
Similar Part No. - ADS6444IRGCTG4 |
|
Similar Description - ADS6444IRGCTG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |