Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS6444IRGCR Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS6444IRGCR
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6444IRGCR Datasheet(HTML) 2 Page - Texas Instruments

  ADS6444IRGCR Datasheet HTML 1Page - Texas Instruments ADS6444IRGCR Datasheet HTML 2Page - Texas Instruments ADS6444IRGCR Datasheet HTML 3Page - Texas Instruments ADS6444IRGCR Datasheet HTML 4Page - Texas Instruments ADS6444IRGCR Datasheet HTML 5Page - Texas Instruments ADS6444IRGCR Datasheet HTML 6Page - Texas Instruments ADS6444IRGCR Datasheet HTML 7Page - Texas Instruments ADS6444IRGCR Datasheet HTML 8Page - Texas Instruments ADS6444IRGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 82 page
background image
Reference
INA_P
INA_M
CLKP
CLKM
VCM
DCLKP
DCLKM
ADS644x
SHA
FCLKP
FCLKM
INB_P
INB_M
SHA
SHA
SHA
INC_P
INC_M
IND_P
IND_M
PLL
BIT Clock
FRAME Clock
DA0_P
DA1_P
DA0_M
DA1_M
DB0_P
DB1_P
DB0_M
DB1_M
DC0_P
DC1_P
DC0_M
DC1_M
DD0_P
DD1_P
DD0_M
DD1_M
Serial
Interface
Parallel
Interface
14-Bit
ADC
14-Bit
ADC
14-Bit
ADC
14-Bit
ADC
Digital
Encoder
and
Serializer
Digital
Encoder
and
Serializer
Digital
Encoder
and
Serializer
Digital
Encoder
and
Serializer
B0199-03
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531B – MAY 2007 – REVISED DECEMBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION (CONTINUED)
The ADS644X has internal references, but can also support an external reference mode. The device is specified
over the industrial temperature range (–40°C to 85°C).
2
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS6445, ADS6444 ADS6443, ADS6442


Similar Part No. - ADS6444IRGCR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ADS6444IRGCR STMICROELECTRONICS-ADS6444IRGCR Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6444IRGCR TI-ADS6444IRGCR Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6444IRGCR TI-ADS6444IRGCR Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6444IRGCRG4 TI-ADS6444IRGCRG4 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6444IRGCRG4 TI-ADS6444IRGCRG4 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Similar Description - ADS6444IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI1-ADS6445-EP_13 Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI-ADS6445-EP Datasheet
3Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6424 TI-ADS6424_10 Datasheet
2Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com