Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS6443IRGC25 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS6443IRGC25
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6443IRGC25 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS6443IRGC25 Datasheet HTML 6Page - Texas Instruments ADS6443IRGC25 Datasheet HTML 7Page - Texas Instruments ADS6443IRGC25 Datasheet HTML 8Page - Texas Instruments ADS6443IRGC25 Datasheet HTML 9Page - Texas Instruments ADS6443IRGC25 Datasheet HTML 10Page - Texas Instruments ADS6443IRGC25 Datasheet HTML 11Page - Texas Instruments ADS6443IRGC25 Datasheet HTML 12Page - Texas Instruments ADS6443IRGC25 Datasheet HTML 13Page - Texas Instruments ADS6443IRGC25 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531B – MAY 2007 – REVISED DECEMBER 2009
www.ti.com
TIMING SPECIFICATIONS
(1)
Typical values are at 25°C, min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD =
LVDD = 3.3 V, maximum rated sampling frequency, sine wave input clock, 1.5 VPP clock amplitude, CL = 5 pF
(2), I
O = 3.5 mA,
RL = 100 Ω
(3), no internal termination, unless otherwise noted.
ADS6445
ADS6444
ADS6443
ADS6442
TEST
Fs = 125 MSPS
Fs = 105 MSPS
Fs = 80 MSPS
Fs = 65 MSPS
PARAMETER
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
tJ
Aperture jitter Uncertainty in
the sampling
250
250
250
250
fs rms
instant
INTERFACE: 2-wire, DDR bit clock,
14x serialization
From data
Data setup
cross-over to
tsu
0.35
0.55
0.45
0.65
0.65
0.85
0.8
1.1
ns
time(4) (5) (6)
bit clock
cross-over
From bit clock
Data hold
cross-over to
th
0.35
0.58
0.5
0.7
0.7
0.9
0.8
1.1
ns
time(4) (5) (6)
data
cross-over
From frame
clock rising
edge
Frame setup
tsu
cross-over to
0.35
0.55
0.45
0.65
0.65
0.85
0.8
1.1
ns
time
bit clock rising
edge
cross-over
From bit clock
falling edge
Frame hold
cross-over to
th
0.35
0.58
0.5
0.7
0.7
0.9
0.8
1.1
ns
time
frame clock
falling edge
cross-over
Input clock
rising edge
Clock
tpd_cl
cross-over to
propagation
3.4
4.4
5.4
3.4
4.4
5.4
3.4
4.4
5.4
3.4
4.4
5.4
ns
k
frame clock
delay (6)
rising edge
cross-over
Bit clock
cycle-cycle
350
350
350
350
ps pp
jitter (5)
Frame clock
cycle-cycle
75
75
75
75
ps pp
jitter (5)
Below specifications apply for 5 MSPS
≤ Fs ≤ 125 MSPS and
all interface options.
Delay from
input clock
Aperture
rising edge to
tA
1
2
3
1
2
3
1
2
3
1
2
3
ns
delay
the actual
sampling
instant
Aperture
Channel-
delay
channel within
–250
±80
250
–250
±80
250
–250
±80
250
–250
±80
250
ps
variation
same device
(1)
Timing parameters are ensured by design and characterization and not tested in production.
(2)
CL is the external single-ended load capacitance between each output pin and ground.
(3)
Io refers to the LVDS buffer current setting; RL is the external differential load resistance between the LVDS output pair.
(4)
Timing parameters are measured at the end of a 2 inch pcb trace (100-
Ω characteristic impedance) terminated by RLand CL.
(5)
Setup and hold time specifications take into account the effect of jitter on the output data and clock.
(6)
Refer to Output Timings in application section for timings at lower sampling frequencies and other interface options.
10
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS6445, ADS6444 ADS6443, ADS6442


Similar Part No. - ADS6443IRGC25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6443IRGC25 TI-ADS6443IRGC25 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6443IRGC25 TI-ADS6443IRGC25 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Similar Description - ADS6443IRGC25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI1-ADS6445-EP_13 Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI-ADS6445-EP Datasheet
3Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6424 TI-ADS6424_10 Datasheet
2Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com