Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS62P24IRGCRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS62P24IRGCRG4
Description  DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS62P24IRGCRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS62P24IRGCRG4 Datasheet HTML 4Page - Texas Instruments ADS62P24IRGCRG4 Datasheet HTML 5Page - Texas Instruments ADS62P24IRGCRG4 Datasheet HTML 6Page - Texas Instruments ADS62P24IRGCRG4 Datasheet HTML 7Page - Texas Instruments ADS62P24IRGCRG4 Datasheet HTML 8Page - Texas Instruments ADS62P24IRGCRG4 Datasheet HTML 9Page - Texas Instruments ADS62P24IRGCRG4 Datasheet HTML 10Page - Texas Instruments ADS62P24IRGCRG4 Datasheet HTML 11Page - Texas Instruments ADS62P24IRGCRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
ADS62P24, ADS62P25
ADS62P22, ADS62P23
SLAS576C
– OCTOBER 2007 – REVISED OCTOBER 2011
www.ti.com
TIMING CHARACTERISTICS
– LVDS AND CMOS MODES
(1)
Typical values are specified at 25
°C, AVDD = DRVDD = 3.3 V, maximum rated sampling frequency, sine wave input clock,
1.5 VPP clock amplitude, CL = 5 pF
(2), I
O = 3.5 mA, RL = 100 Ω
(3), no internal termination, unless otherwise noted.
Min and max values are specified across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.0 V to 3.6 V,
unless otherwise specified.
ADS62P25
ADS62P24
ADS62P23
ADS62P22
FS = 125 MSPS
FS = 105 MSPS
FS = 80 MSPS
FS = 65 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Aperture
ta
0.7
1.5
2.5
0.7
1.5
2.5
0.7
1.5
2.5
0.7
1.5
2.5
ns
delay
Aperture
channel-to-channel
delay
within a device
±80
±80
±80
±80
ps
variation
Aperture
tj
150
150
150
150
fs rms
jitter
from global
15
50
15
50
15
50
15
50
μs
powerdown
Wake-up
time
from standby
15
50
15
50
15
50
15
50
μs
(to valid
from output
CMOS
100
200
100
200
100
200
100
200
ns
data)
buffer
LVDS
200
500
200
500
200
500
200
500
ns
disable
Default, after reset
clock
14
14
14
14
cycles
with low latency
clock
Latency
10
10
10
10
mode enabled
cycles
with digital filter
clock
15
15
15
15
enabled
cycles
DDR LVDS MODE(4), DRVDD = 3.0 V to 3.6V
Data valid (6) to
Data setup
tsu
zero-cross of
0.6
1.5
1.0
2.3
2.4
3.8
3.8
5.2
ns
time(5)
CLKOUTP
Zero-cross of
Data hold
th
CLKOUTP to data
1.0
2.3
1.0
2.3
1.0
2.3
1.0
2.3
ns
time(5)
becoming invalid(6)
Input clock rising
Clock
edge zero-cross to
tPDI
propagation
3.5
5.5
7.5
3.5
5.5
7.5
3.5
5.5
7.5
3.5
5.5
7.5
ns
output clock rising
delay
edge zero-cross
Duty cycle of
differential clock,
LVDS bit
(CLKOUTP-
clock duty
46%
50%
53%
46%
50%
53%
46%
50%
53%
46%
50%
53%
CLKOUTM)
cycle
10
≤ Fs ≤ 125
MSPS
Rise time measured
from
–50 mV to 50
Data rise
mV
tr
time,
Fall time measured
70
100
170
70
100
170
70
100
170
70
100
170
ps
tf
Data fall
from 50 mV to
–50
time
mV
1
≤ Fs ≤ 125 MSPS
Rise time measured
Output
from
–50 mV to 50
clock rise
mV
tCLKRISE
time,
Fall time measured
70
100
170
70
100
170
70
100
170
70
100
170
ps
tCLKFALL
Output
from 50 mV to
–50
clock fall
mV
time
1
≤ Fs ≤ 125 MSPS
(1)
Timing parameters are specified by design and characterization and not tested in production.
(2)
CL is the effective external single-ended load capacitance between each output pin and ground.
(3)
IO refers to the LVDS buffer current setting; RL is the differential load resistance between the LVDS output pair.
(4)
Measurements are done with a transmission line of 100
Ω characteristic impedance between the device and the load.
(5)
Setup and hold time specifications take into account the effect of jitter on the output data and clock.
(6)
Data valid refers to logic high of +100 mV and logic low of
–100 mV.
8
Copyright
© 2007–2011, Texas Instruments Incorporated


Similar Part No. - ADS62P24IRGCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P24IRGCR TI-ADS62P24IRGCR Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS62P24IRGCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1212D PHILIPS-ADC1212D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com