Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7881IRGZR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7881IRGZR
Description  4 MHz Sample Rate, 12-Bit Resolution High Speed Parallel Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7881IRGZR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS7881IRGZR Datasheet HTML 2Page - Texas Instruments ADS7881IRGZR Datasheet HTML 3Page - Texas Instruments ADS7881IRGZR Datasheet HTML 4Page - Texas Instruments ADS7881IRGZR Datasheet HTML 5Page - Texas Instruments ADS7881IRGZR Datasheet HTML 6Page - Texas Instruments ADS7881IRGZR Datasheet HTML 7Page - Texas Instruments ADS7881IRGZR Datasheet HTML 8Page - Texas Instruments ADS7881IRGZR Datasheet HTML 9Page - Texas Instruments ADS7881IRGZR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADS7881
SLAS400B − SEPTEMBER 2003 − REVISED NOVEMBER 2005
www.ti.com
6
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23
24
36
35
34
33
32
31
30
29
28
27
26
25
37
38
39
40
41
42
43
44
45
46
47
48
BUSY
BDGND
+VBD
NC
NC
NC
NC
DB0
DB1
DB2
DB3
BDGND
REFIN
REFOUT
NC
+VA
AGND
+IN
−IN
AGND
+VA
+VA
AGND
AGND
NC − No connection
PFB PACKAGE
(TOP VIEW)
A_PWD
PWD/RST
BYTE
CONVST
RD
CS
+VA
AGND
AGND
+VA
REFM
REFM
RGZ PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
+VBD
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
AGND
AGND
+VA
NC − No internal connection
NOTE: The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.


Similar Part No. - ADS7881IRGZR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7881IRGZR BURR-BROWN-ADS7881IRGZR Datasheet
831Kb / 31P
   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7881IRGZR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SHA1144 AD-SHA1144_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION 14 BIT SAMPLE AND HOLD AMPLIFIER
logo
Intronics Power, Inc.
SHA1144 INTRONICS-SHA1144 Datasheet
1Mb / 6P
   High Resolution 14-Bit Sample and Hold Amplifier
logo
Analog Devices
SHA1144 AD-SHA1144 Datasheet
540Kb / 6P
   HIGH RESOLUTION 14 BIT SAMPLE AND HOLD AMPLIFIER
AD9260 AD-AD9260 Datasheet
572Kb / 36P
   High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV. B
AD9260 AD-AD9260_15 Datasheet
1Mb / 44P
   High Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV. C
logo
Burr-Brown (TI)
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4194 TI1-SRC4194_08 Datasheet
666Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
logo
Hamamatsu Corporation
C10322D HAMAMATSU-C10322D Datasheet
137Kb / 6P
   Flat panel sensor High sensitivity, high-speed frame rate, high resolution
C9311DK HAMAMATSU-C9311DK Datasheet
142Kb / 6P
   Flat panel sensor High sensitivity, high-speed frame rate, high resolution
logo
Burr-Brown (TI)
SRC4194 BURR-BROWN-SRC4194 Datasheet
502Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com