Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7881IPFBT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7881IPFBT
Description  4 MHz Sample Rate, 12-Bit Resolution High Speed Parallel Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7881IPFBT Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7881IPFBT Datasheet HTML 7Page - Texas Instruments ADS7881IPFBT Datasheet HTML 8Page - Texas Instruments ADS7881IPFBT Datasheet HTML 9Page - Texas Instruments ADS7881IPFBT Datasheet HTML 10Page - Texas Instruments ADS7881IPFBT Datasheet HTML 11Page - Texas Instruments ADS7881IPFBT Datasheet HTML 12Page - Texas Instruments ADS7881IPFBT Datasheet HTML 13Page - Texas Instruments ADS7881IPFBT Datasheet HTML 14Page - Texas Instruments ADS7881IPFBT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
ADS7881
SLAS400B − SEPTEMBER 2003 − REVISED NOVEMBER 2005
www.ti.com
11
Sample N
Conversion N
Data For Conversion N−1
(Data read Without Latency)
CONVST
BUSY
D11−D0
t(conv) + td11
tw4
tw3
t(acq)
t0 = 250 ns for 4 MSPS Operation
th1
CS
td12
Figure 8. Back-To-Back operation With CS Toggling and RD Low
NAP MODE
The device can be put in nap mode following the sequences shown in Figure 9. This provides substantial power
saving while operating at lower sampling rates.
While operating the device at throughput rates lower than 3.2 MSPS, A_PWD can be held low (see Figure 9).
In this condition, the device goes into the nap state immediately after BUSY goes low and remains in that state
until the next sampling starts. The minimum acquisition time is 60 nsec more than t(acq) as defined in the timing
requirements section.
Alternately, A_PWD can be toggled any time during operation (see Figure 10). This is useful when the system
acquires data at the maximum conversion speed for some period of time (back-to-back conversion) and it does
not acquire data for some time while the acquired data is being processed. During this period, the device can
be put in the nap state to save power. The device remains in the nap state as long as A_PWD is low with BUSY
being low and sampling has not started. The minimum acquisition time for the first sampling after the nap state
is 60 nsec more than t(acq) as defined in the timing requirements section.
A_PWD
(Held Low)
BUSY
SAMPLE
(Internal)
NAP
(Internal Active High)
t(acq) + 60 ns
NOTE: The SAMPLE (Internal) signal is generated as described in the Sampling and Conversion
Start section.
Figure 9. Device Operation While A_PWD is Held Low


Similar Part No. - ADS7881IPFBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7881IPFBT TI-ADS7881IPFBT Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881IPFBT BURR-BROWN-ADS7881IPFBT Datasheet
831Kb / 31P
   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7881IPFBT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SHA1144 AD-SHA1144_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION 14 BIT SAMPLE AND HOLD AMPLIFIER
logo
Intronics Power, Inc.
SHA1144 INTRONICS-SHA1144 Datasheet
1Mb / 6P
   High Resolution 14-Bit Sample and Hold Amplifier
logo
Analog Devices
SHA1144 AD-SHA1144 Datasheet
540Kb / 6P
   HIGH RESOLUTION 14 BIT SAMPLE AND HOLD AMPLIFIER
AD9260 AD-AD9260 Datasheet
572Kb / 36P
   High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV. B
AD9260 AD-AD9260_15 Datasheet
1Mb / 44P
   High Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV. C
logo
Burr-Brown (TI)
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4194 TI1-SRC4194_08 Datasheet
666Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
logo
Hamamatsu Corporation
C10322D HAMAMATSU-C10322D Datasheet
137Kb / 6P
   Flat panel sensor High sensitivity, high-speed frame rate, high resolution
C9311DK HAMAMATSU-C9311DK Datasheet
142Kb / 6P
   Flat panel sensor High sensitivity, high-speed frame rate, high resolution
logo
Burr-Brown (TI)
SRC4194 BURR-BROWN-SRC4194 Datasheet
502Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com