Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS6442 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6442
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6442 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS6442 Datasheet HTML 3Page - Texas Instruments ADS6442 Datasheet HTML 4Page - Texas Instruments ADS6442 Datasheet HTML 5Page - Texas Instruments ADS6442 Datasheet HTML 6Page - Texas Instruments ADS6442 Datasheet HTML 7Page - Texas Instruments ADS6442 Datasheet HTML 8Page - Texas Instruments ADS6442 Datasheet HTML 9Page - Texas Instruments ADS6442 Datasheet HTML 10Page - Texas Instruments ADS6442 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
ADS6445, ADS6444
ADS6443, ADS6442
www.ti.com
SLAS531B – MAY 2007 – REVISED DECEMBER 2009
ELECTRICAL CHARACTERISTICS
Typical values are at 25°C, min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD =
LVDD = 3.3 V, maximum rated sampling frequency, 50% clock duty cycle, –1dBFS differential analog input, internal reference
mode (unless otherwise noted).
ADS6445
ADS6444
ADS6443
ADS6442
Fs = 125 MSPS
Fs = 105 MSPS
Fs = 80 MSPS
Fs = 65 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
DYNAMIC AC CHARACTERISTICS
Fin = 10 MHz
73.7
73.8
74.4
74.5
Fin = 50 MHz
68.5
73.1
73.2
70
73.8
70.5
74
Fin = 70 MHz
72.7
69
73
73.4
73.6
Fin = 100 MHz
72.1
72.2
72.7
72.8
SNR
0 dB gain
69.9
70.2
70.5
70.7
Signal to
dBFS
Fin = 170
noise ratio
3.5 dB
69.4
69.7
69.7
70.2
MHz
Coarse gain
0 dB gain
68.7
68.8
68.1
69.2
Fin = 230
3.5 dB
68.1
68.2
68.2
68.9
MHz
Coarse gain
Fin = 10 MHz
73.4
73.4
74.2
74.3
Fin = 50 MHz
68
72.3
71.7
69.5
73.5
70
73.7
Fin = 70 MHz
71.2
68.5
72
73
73.2
Fin = 100 MHz
71.8
72
72.2
72
SINAD
Signal to
0 dB gain
67.9
69.8
69.9
70.3
dBFS
noise and
Fin = 170
3.5 dB
68.3
69.3
69.4
70
distortion ratio
MHz
Coarse gain
0 dB gain
67.8
67.7
67.6
68.3
Fin = 230
3.5 dB
67.9
67.6
68.1
68.4
MHz
Coarse gain
RMS
Inputs tied to common-mode
1.05
1.05
1.05
1.05
LSB
Output noise
Fin = 10 MHz
87
91
92
93
Fin = 50 MHz
73
81
80
77
87
79
88
Fin = 70 MHz
78
74
81
86
86
Fin = 100 MHz
86
88
84
82
SFDR
Spurious free
0 dB gain
76
79
80
81
dBc
dynamic
Fin = 170
3.5 dB
79
83
84
84
range
MHz
Coarse gain
0 dB gain
77
77
78
79
Fin = 230
3.5 dB
80
80
82
82
MHz
Coarse gain
Fin = 10 MHz
93
94
96
97
Fin = 50 MHz
73
87
88
77
90
79
92
Fin = 70 MHz
87
74
88
90
92
Fin = 100 MHz
89
90
87
87
HD2
0 dB gain
83
84
86
86
Second
dBc
Fin = 170
harmonic
3.5 dB
85
86
88
88
MHz
Coarse gain
0 dB gain
80
81
82
83
Fin = 230
3.5 dB
82
83
84
85
MHz
Coarse gain
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS6445, ADS6444 ADS6443, ADS6442


Similar Part No. - ADS6442

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ADS6442 STMICROELECTRONICS-ADS6442 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6442 TI-ADS6442 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6442 TI-ADS6442 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6442IRGC25 TI-ADS6442IRGC25 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6442IRGC25 TI-ADS6442IRGC25 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Similar Description - ADS6442

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI1-ADS6445-EP_13 Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI-ADS6445-EP Datasheet
3Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6424 TI-ADS6424_10 Datasheet
2Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com