Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12H034 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADC12H034
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12H034 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC12H034 Datasheet HTML 3Page - Texas Instruments ADC12H034 Datasheet HTML 4Page - Texas Instruments ADC12H034 Datasheet HTML 5Page - Texas Instruments ADC12H034 Datasheet HTML 6Page - Texas Instruments ADC12H034 Datasheet HTML 7Page - Texas Instruments ADC12H034 Datasheet HTML 8Page - Texas Instruments ADC12H034 Datasheet HTML 9Page - Texas Instruments ADC12H034 Datasheet HTML 10Page - Texas Instruments ADC12H034 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
ADC12030, ADC12032, ADC12034
ADC12038, ADC12H030, ADC12H032
ADC12H034, ADC12H038
www.ti.com
SNAS080K – JULY 1999 – REVISED MARCH 2013
Converter Electrical Characteristics (continued)
The following specifications apply for V
+ = V
A+ = VD+ = +5.0 VDC, VREF+ = +4.096 VDC, VREF− = 0 VDC, 12-bit + sign
conversion mode, fCK = fSK = 8 MHz for the ADC12H030, ADC12H032, ADC12H034 and ADC12H038, fCK = fSK = 5 MHz for
the ADC12030, ADC12032, ADC12034 and ADC12038, RS = 25Ω, source impedance for VREF+ and VREF− ≤ 25Ω, fully-
differential input with fixed 2.048V common-mode voltage, and 10(tCK) acquisition time unless otherwise specified. Boldface
limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
(1)(2)(3)
Units
Parameter
Test Conditions
Typical (4)
Limits (5)
(Limits)
TUE
Total Unadjusted Error
After Auto Cal (6)(10)(11)
±1
LSB
Resolution with No Missing Codes
8-bit + sign mode
8 + sign
Bits (min)
INL
Integral Linearity Error
8-bit + sign mode (6)
±1/2
LSB (max)
DNL
Differential Non-Linearity
8-bit + sign mode
±3/4
LSB (max)
Positive Full-Scale Error
8-bit + sign mode (6)
±1/2
LSB (max)
Negative Full-Scale Error
8-bit + sign mode (6)
±1/2
LSB (max)
8-bit + sign mode, after Auto Zero
Offset Error
±1/2
LSB (max)
VIN(+) = VIN(−) = + 2.048V
(10)
8-bit + sign mode after Auto Zero
TUE
Total Unadjusted Error
±3/4
LSB (max)
(6) (10) (11)
Multiplexer Chan-to-Chan Matching
±0.05
LSB
Power Supply Sensitivity
V+ = +5V ±10%, VREF = +4.096V
Offset Error
±0.5
±1
LSB (max)
+ Full-Scale Error
±0.5
±1.5
LSB (max)
− Full-Scale Error
±0.5
±1.5
LSB (max)
Integral Linearity Error
±0.5
LSB
Output Data from “12-Bit
+10
LSB (max)
(see Table 5) (12)
Conversion of Offset”
−10
LSB (min)
Output Data from “12-Bit
4095
LSB (max)
(see Table 5) (12)
Conversion of Full-Scale”
4093
LSB (min)
UNIPOLAR DYNAMIC CONVERTER CHARACTERISTICS
fIN = 1 kHz, VIN = 5 VP-P, VREF
+ = 5.0V
69.4
dB
S/(N+D)
Signal-to-Noise Plus Distortion Ratio fIN = 20 kHz, VIN = 5 VP-P, VREF
+ = 5.0V
68.3
dB
fIN = 40 kHz, VIN = 5 VP-P, VREF+ = 5.0V
65.7
dB
−3 dB Full Power Bandwidth
VIN = 5 VP-P, where S/(N+D) drops 3 dB
31
kHz
DIFFERENTIAL DYNAMIC CONVERTER CHARACTERISTICS
fIN = 1 kHz, VIN = ±5V, VREF
+ = 5.0V
77.0
dB
S/(N+D)
Signal-to-Noise Plus Distortion Ratio fIN = 20 kHz, VIN = ±5V, VREF
+ = 5.0V
73.9
dB
fIN = 40 kHz, VIN = ±5V, VREF
+ = 5.0V
67.0
dB
−3 dB Full Power Bandwidth
VIN = ±5V, where S/(N+D) drops 3 dB
40
kHz
REFERENCE INPUT, ANALOG INPUTS AND MULTIPLEXER CHARACTERISTICS
CREF
Reference Input Capacitance
85
pF
A/DIN1, A/DIN2 Analog Input
CA/D
75
pF
Capacitance
A/DIN1, A/DIN2 Analog Input
VIN = +5.0V or VIN = 0V
±0.1
±1.0
µA (max)
Leakage Current
GND
− 0.05
V (min)
CH0–CH7 and COM Input Voltage
(VA+) + 0.05
V (max)
CH0–CH7 and COM Input
CCH
10
pF
Capacitance
CMUXOUT
MUX Output Capacitance
20
pF
(10) Offset error is a measure of the deviation from the mid-scale voltage (a code of zero), expressed in LSB. It is the worst-case value of the
code transitions between 1 to 0 and 0 to +1 (see Figure 8).
(11) Total unadjusted error includes offset, full-scale, linearity and multiplexer errors.
(12) The “12-Bit Conversion of Offset” and “12-Bit Conversion of Full-Scale” modes are intended to test the functionality of the device.
Therefore, the output data from these modes are not an indication of the accuracy of a conversion result.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC12030 ADC12032 ADC12034 ADC12038 ADC12H030 ADC12H032 ADC12H034
ADC12H038


Similar Part No. - ADC12H034

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12H034 NSC-ADC12H034 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H034 NSC-ADC12H034 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12H034 TI1-ADC12H034 Datasheet
2Mb / 52P
[Old version datasheet]   12-Bit Plus Sign Serial I/O A/D Converters
logo
National Semiconductor ...
ADC12H034CIMSA NSC-ADC12H034CIMSA Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H034CIMSA NSC-ADC12H034CIMSA Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results

Similar Description - ADC12H034

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12L030 NSC-ADC12L030 Datasheet
828Kb / 36P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12L030 NSC-ADC12L030_06 Datasheet
1Mb / 35P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130_14 Datasheet
2Mb / 52P
[Old version datasheet]   ADC12130/ADC12132/ADC12138 Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
   Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com