Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12H030 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC12H030
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12H030 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC12H030 Datasheet HTML 7Page - Texas Instruments ADC12H030 Datasheet HTML 8Page - Texas Instruments ADC12H030 Datasheet HTML 9Page - Texas Instruments ADC12H030 Datasheet HTML 10Page - Texas Instruments ADC12H030 Datasheet HTML 11Page - Texas Instruments ADC12H030 Datasheet HTML 12Page - Texas Instruments ADC12H030 Datasheet HTML 13Page - Texas Instruments ADC12H030 Datasheet HTML 14Page - Texas Instruments ADC12H030 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
ADC12030, ADC12032, ADC12034
ADC12038, ADC12H030, ADC12H032
ADC12H034, ADC12H038
www.ti.com
SNAS080K – JULY 1999 – REVISED MARCH 2013
Timing Characteristics
The following specifications apply for V
+ = V
A+ = VD+ = +5.0 VDC, VREF+ = +4.096 VDC, VREF− = 0 VDC, 12-bit + sign
conversion mode, tr = tf = 3 ns, fCK = fSK = 8 MHz for the ADC12H030, ADC12H032, ADC12H034 and ADC12H03, fCK = fSK =
5 MHz for the ADC12030, ADC12032, ADC12034 and ADC12038, RS = 25Ω, source impedance for VREF+ and VREF− ≤ 25Ω,
fully-differential input with fixed 2.048V common-mode voltage, and 10(tCK) acquisition time unless otherwise specified.
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
(1)
Typical
Limits
Units
Parameter
Test Conditions
(2)
(3)
(Limits)
Hardware Power-Up Time, Time from PD Falling Edge to
tHPU
140
250
µs (max)
EOC Rising Edge
Software Power-Up Time, Time from Serial Data Clock
tSPU
140
250
µs (max)
Falling Edge to EOC Rising Edge
tACC
Access Time Delay from CS Falling Edge to DO Data Valid
20
50
ns (max)
Set-Up Time of CS Falling Edge to Serial Data Clock Rising
tSET-UP
30
ns (min)
Edge
tDELAY
Delay from SCLK Falling Edge to CS Falling Edge
0
5
ns (min)
t1H, t0H
Delay from CS Rising Edge to DO TRI-STATE
RL = 3k, CL = 100 pF
40
100
ns (max)
tHDI
DI Hold Time from Serial Data Clock Rising Edge
5
15
ns (min)
tSDI
DI Set-Up Time from Serial Data Clock Rising Edge
5
10
ns (min)
50
ns (max)
tHDO
DO Hold Time from Serial Data Clock Falling Edge
RL = 3k, CL = 100 pF
25
5
ns (min)
tDDO
Delay from Serial Data Clock Falling Edge to DO Data Valid
35
50
ns (max)
DO Rise Time, TRI-STATE to High
RL = 3k, CL = 100 pF
10
30
ns (max)
tRDO
DO Rise Time, Low to High
RL = 3k, CL = 100 pF
10
30
ns (max)
DO Fall Time, TRI-STATE to Low
RL = 3k, CL = 100 pF
12
30
ns (max)
tFDO
DO Fall Time, High to Low
RL = 3k, CL = 100 pF
12
30
ns (max)
tCD
Delay from CS Falling Edge to DOR Falling Edge
25
45
ns (max)
Delay from Serial Data Clock Falling Edge to DOR Rising
tSD
25
45
ns (max)
Edge
CIN
Capacitance of Logic Inputs
10
pF
COUT
Capacitance of Logic Outputs
20
pF
(1)
Timing specifications are tested at the TTL logic levels, VIL = 0.4V for a falling edge and VIH = 2.4V for a rising edge. TRI-STATE output
voltage is forced to 1.4V.
(2)
Typical figures are at TJ = TA = 25°C and represent most likely parametric norm.
(3)
Tested limits are specified to AOQL (Average Outgoing Quality Level).
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC12030 ADC12032 ADC12034 ADC12038 ADC12H030 ADC12H032 ADC12H034
ADC12H038


Similar Part No. - ADC12H030

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12H030 TI1-ADC12H030 Datasheet
2Mb / 52P
[Old version datasheet]   12-Bit Plus Sign Serial I/O A/D Converters
logo
National Semiconductor ...
ADC12H030CIWM NSC-ADC12H030CIWM Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030CIWM NSC-ADC12H030CIWM Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results

Similar Description - ADC12H030

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12L030 NSC-ADC12L030 Datasheet
828Kb / 36P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12L030 NSC-ADC12L030_06 Datasheet
1Mb / 35P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130_14 Datasheet
2Mb / 52P
[Old version datasheet]   ADC12130/ADC12132/ADC12138 Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
   Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com