Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2830IDGKT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2830IDGKT
Description  Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2830IDGKT Datasheet(HTML) 2 Page - Texas Instruments

  OPA2830IDGKT Datasheet HTML 1Page - Texas Instruments OPA2830IDGKT Datasheet HTML 2Page - Texas Instruments OPA2830IDGKT Datasheet HTML 3Page - Texas Instruments OPA2830IDGKT Datasheet HTML 4Page - Texas Instruments OPA2830IDGKT Datasheet HTML 5Page - Texas Instruments OPA2830IDGKT Datasheet HTML 6Page - Texas Instruments OPA2830IDGKT Datasheet HTML 7Page - Texas Instruments OPA2830IDGKT Datasheet HTML 8Page - Texas Instruments OPA2830IDGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
PIN CONFIGURATIONS
+V
S
Output
2
−Input
2
+Input
2
Output
1
−Input
1
+Input
1
−V
S
1
2
3
4
8
7
6
5
Top View
SO, MSOP
OPA2830
SBOS309D – AUGUST 2004 – REVISED AUGUST 2008.................................................................................................................................................. www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA2830ID
Rails, 100
OPA2830
SO-8 Surface-Mount
D
–40°C to +85°C
OPA2830
OPA2830IDR
Tape and Reel, 2500
OPA2830IDGKT
Tape and Reel, 250
OPA2830
MSOP-8
DGK
–40°C to +85°C
A59
OPA2830IDGKR
Tape and Reel, 2500
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Power Supply
11VDC
Internal Power Dissipation
See Thermal Characteristics
Differential Input Voltage
±2.5V
Input Voltage Range
–0.5V to +VS + 0.3V
Storage Temperature Range: D, DGK
–65°C to +125°C
Lead Temperature (soldering, 10s)
+300°C
Junction Temperature (TJ)
+150°C
ESD Rating:
Human Body Model (HBM)
2000V
Charge Device Model (CDM)
1000V
Machine Model (MM)
200V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
2
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2830


Similar Part No. - OPA2830IDGKT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2830IDGKT BURR-BROWN-OPA2830IDGKT Datasheet
1Mb / 41P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA2830IDGKT NSC-OPA2830IDGKT Datasheet
1Mb / 43P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2830IDGKT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA2830 NSC-OPA2830 Datasheet
1Mb / 43P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2830 BURR-BROWN-OPA2830_08 Datasheet
1Mb / 41P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA830 TI-OPA830 Datasheet
633Kb / 34P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830_1 Datasheet
682Kb / 35P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI1-OPA830 Datasheet
845Kb / 37P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA830 NSC-OPA830 Datasheet
845Kb / 37P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA830 BURR-BROWN-OPA830 Datasheet
460Kb / 31P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830-EP TI1-OPA830-EP Datasheet
725Kb / 36P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA830-EP NSC-OPA830-EP Datasheet
725Kb / 36P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830-EP TI1-OPA830-EP_15 Datasheet
727Kb / 36P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com