Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6647 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6647
Description  2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6647 Datasheet(HTML) 4 Page - Texas Instruments

  LMH6647 Datasheet HTML 1Page - Texas Instruments LMH6647 Datasheet HTML 2Page - Texas Instruments LMH6647 Datasheet HTML 3Page - Texas Instruments LMH6647 Datasheet HTML 4Page - Texas Instruments LMH6647 Datasheet HTML 5Page - Texas Instruments LMH6647 Datasheet HTML 6Page - Texas Instruments LMH6647 Datasheet HTML 7Page - Texas Instruments LMH6647 Datasheet HTML 8Page - Texas Instruments LMH6647 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LMH6645, LMH6646, LMH6647
SNOS970C – JUNE 2001 – REVISED APRIL 2013
www.ti.com
2.7V Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for at TJ = 25°C, V
+ = 2.7V, V= 0V, V
CM = VO = V
+/2, and R
f = 2kΩ, and RL
= 1k
Ω to V
+/2. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
ISC
Output Short Circuit Current
Sourcing to V
43
VID = 200mV
(7) (8)
mA
Sinking to V+
42
VID = −200mV
(7) (8)
IOUT
Output Current
VOUT = 0.5V from rails
±20
mA
PSRR
Power Supply Rejection Ratio
V+ = 2.7V to 3.7V or
75
83
dB
V= 0V to
−1V
IS
Supply Current (per channel)
Normal Operation
650
1250
μA
Shutdown Mode (LMH6647 only)
15
50
(7)
Short circuit test is a momentary test.
(8)
Output short circuit duration is infinite for VS < 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5ms.
5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for at TJ = 25°C, V
+ = 5V, V= 0V, V
CM = VO = V
+/2, and R
f = 2kΩ, and RL =
1k
Ω to V
+/2. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
BW
−3dB BW
AV = +1, VOUT = 200mVPP
40
55
MHz
en
Input-Referred Voltage Noise
f = 100kHz
17
nV/
√Hz
f = 1kHz
25
in
Input-Referred Current Noise
f = 100kHz
0.75
pA/
√Hz
f = 1kHz
1.20
CT Rej.
Cross-Talk Rejection
f = 5MHz, Receiver:
47
dB
(LMH6646 only)
Rf = Rg = 510Ω, AV = +2
SR
Slew Rate
AV = −1, VO = 2VPP
V/
μs
15
22
See (3),(4)
TON
Turn-On Time (LMH6647 only)
210
ns
TOFF
Turn-Off Time (LMH6647 only)
500
ns
THSD
Shutdown Threshold
IS ≤ 50μA
4.25
4.60
V
(LMH6647 only)
ISD
Shutdown Pin Input Current
See (5)
−20
μA
(LMH6647 only)
VOS
Input Offset Voltage
0V
≤ VCM ≤ 5V
−3
3
±1
mV
−4
4
TC VOS
Input Offset Average Drift
See (6)
±5
μV/C
IB
Input Bias Current
VCM = 4.8V
(5)
+2
+0.36
−2.2
μA
VCM = 0.5V
(5)
−2
−0.68
−2.2
IOS
Input Offset Current
0V
≤ VCM ≤ 5V
1
500
nA
RIN
Common Mode Input Resistance
3
M
CIN
Common Mode Input
2
pF
Capacitance
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Slew rate is the average of the rising and falling slew rates.
(4)
Guaranteed based on characterization only.
(5)
Positive current corresponds to current flowing into the device.
(6)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LMH6645 LMH6646 LMH6647


Similar Part No. - LMH6647

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6647 NSC-LMH6647 Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
Texas Instruments
LMH6647 TI1-LMH6647 Datasheet
1Mb / 36P
[Old version datasheet]   LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
National Semiconductor ...
LMH6647MA NSC-LMH6647MA Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6647MA NSC-LMH6647MA Datasheet
1Mb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
Texas Instruments
LMH6647MA/NOPB TI1-LMH6647MA/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
More results

Similar Description - LMH6647

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6645 NSC-LMH6645 Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6645 NSC-LMH6645 Datasheet
1Mb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
Texas Instruments
LMH6645 TI1-LMH6645 Datasheet
1Mb / 36P
[Old version datasheet]   LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
STMicroelectronics
TSV632 STMICROELECTRONICS-TSV632 Datasheet
1,006Kb / 26P
   Rail-to-rail input/output 60 關A 880 kHz operational amplifiers
logo
Analog Devices
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP196 AD-OP196 Datasheet
337Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. B
OP484 AD-OP484_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com