Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2903VQPWRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2903VQPWRQ1
Description  LM2903-Q1 Dual Differential Comparators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2903VQPWRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  LM2903VQPWRQ1 Datasheet HTML 1Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 2Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 3Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 4Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 5Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 6Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 7Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 8Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
0.001
0.010
0.100
1.000
10.000
0.01
0.1
1
10
100
Output Sink Current, Io(mA)
-40C
0C
25C
85C
125C
C005
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
Vcc (V)
-40C
0C
25C
85C
125C
C001
0
10
20
30
40
50
60
70
0
8
16
24
32
40
Vcc (V)
-40C
0C
25C
85C
125C
C002
LM2903-Q1
www.ti.com
SLCS141E – MAY 2003 – REVISED JULY 2014
7.6 Switching Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
RL connected to 5 V through 5.1 kΩ,
100-mV input step with 5-mV overdrive
1.3
Response time
µs
CL = 15 pF
(1) (2)
TTL-level input step
0.3
(1)
CL includes probe and jig capacitance.
(2)
The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.
7.7 Typical Characteristics
Figure 1. Supply Current vs. Supply Voltage
Figure 2. Input Bias Current vs. Supply Voltage
Figure 3. Output Low Voltage vs. Output Current
Copyright © 2003–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2903-Q1


Similar Part No. - LM2903VQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2903VQPWRQ1 TI1-LM2903VQPWRQ1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903VQPWRQ1 TI1-LM2903VQPWRQ1 Datasheet
216Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903VQPWRQ1 TI1-LM2903VQPWRQ1 Datasheet
216Kb / 9P
[Old version datasheet]   LM2903-Q1 DUAL DIFFERENTIAL COMPARATORS
LM2903VQPWRQ1 TI1-LM2903VQPWRQ1 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Differential Comparators
LM2903VQPWRQ1 TI1-LM2903VQPWRQ1 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive Dual Differential Comparators
More results

Similar Description - LM2903VQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2903QPWRG4Q1 TI1-LM2903QPWRG4Q1 Datasheet
216Kb / 9P
[Old version datasheet]   LM2903-Q1 DUAL DIFFERENTIAL COMPARATORS
LM2903-Q1 TI-LM2903-Q1_V04 Datasheet
3Mb / 38P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI-LM2903-Q1_V03 Datasheet
2Mb / 37P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI1-LM2903-Q1_V01 Datasheet
1Mb / 32P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI-LM2903-Q1_V06 Datasheet
3Mb / 44P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
REVISED AUGUST 2022
LM2903-Q1 TI-LM2903-Q1_V05 Datasheet
3Mb / 44P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
REVISED AUGUST 2022
LM2903-Q1 TI-LM2903-Q1_V02 Datasheet
1Mb / 33P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com