Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR359-1 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR359-1
Description  SHIELDED SMD INDUCTOR/TRANSFORMER DR359-1 SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR359-1 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR359-1_14 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
January 23, 2013
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SHIELDED SMD INDUCTOR/TRANSFORMER DR359-1 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 0.47µH to 1000.0µH (Parallel Ratings)
Materials meet UL94V-0
Operating Temp. -40°C to +125°C
Tinned Leads with Leaded Solder is Available (note 8)
ELECTRICAL SPECIFICATIONS AT 25ºC
Parallel Ratings
Series Ratings
Part No.
Rated
Inductance
(
H)
Inductance
(
H)  20%
DCR
(
) Typ.
I rms
(A) Max.
I sat
(A) Peak
Inductance
(
H)  25%
DCR
(
) Typ.
I rms
(A) Max.
I sat
(A) Peak
DR359-1-471
0.47
0.419
30%
0.00195
17.9
56.0
1.676
30%
0.0078
8.94
28.0
DR359-1-102
1.0
0.821
30%
0.00261
15.5
40.0
3.284
30%
0.0104
7.74
20.0
DR359-1-152
1.5
1.357
30%
0.00341
13.5
31.1
5.428
30%
0.0137
6.77
15.6
DR359-1-222
2.2
2.027
30%
0.00373
12.5
25.5
8.108
30%
0.0161
6.23
12.7
DR359-1-332
3.3
2.831
30%
0.00567
10.4
21.5
11.32
30%
0.0229
5.23
10.8
DR359-1-472
4.7
4.841
30%
0.00971
8.25
16.5
19.36
30%
0.0367
4.13
8.24
DR359-1-682
6.8
7.387
0.0116
7.34
13.3
29.55
0.0465
3.67
6.67
DR359-1-822
8.2
8.861
0.0157
6.32
12.2
35.44
0.0627
3.16
6.09
DR359-1-103
10.0
10.47
0.0172
6.04
11.2
41.88
0.0686
3.02
5.60
DR359-1-153
15.0
14.09
0.0247
5.03
9.66
56.36
0.0990
2.51
4.83
DR359-1-223
22.0
22.93
0.0391
4.00
7.57
91.72
0.1570
2.00
3.78
DR359-1-273
27.0
27.00
0.0650
3.30
6.50
110.0
0.2400
1.65
3.20
DR359-1-333
33.0
33.92
0.0600
3.23
6.22
135.7
0.2410
1.61
3.11
DR359-1-473
47.0
47.05
0.0719
2.95
5.28
188.2
0.2880
1.47
2.64
DR359-1-683
68.0
66.48
0.1050
2.44
4.44
265.9
0.4210
1.22
2.22
DR359-1-823
82.0
79.75
0.1430
2.09
4.06
319.0
0.5730
1.04
2.03
DR359-1-104
100.0
99.31
0.1630
1.96
3.64
397.2
0.6530
0.980
1.82
DR359-1-154
150.0
144.9
0.2470
1.59
3.01
579.6
0.9890
0.796
1.51
DR359-1-224
220.0
221.5
0.3760
1.29
2.43
886.0
1.500
0.645
1.22
DR359-1-334
330.0
323.6
0.5740
1.04
2.01
1294.0
2.300
0.522
1.01
DR359-1-474
470.0
467.1
0.8610
0.85
1.68
1868.0
3.400
0.427
0.838
DR359-1-684
680.0
676.7
1.0800
0.76
1.39
2707.0
4.320
0.380
0.697
DR359-1-824
820.0
818.1
1.4700
0.65
1.27
3272.0
5.880
0.325
0.633
DR359-1-105
1000.0
1005.0
1.6600
0.61
1.14
4020.0
6.640
0.307
0.571
MECHANICAL OUTLINES
Notes
1.
All dimensions are shown in millimeter “mm”
2.
General tolerance
0.2mm, unless other
specified
3.
Inductance Test: 100kHz, 0.25Vrms, Parallel :
(1,2-3,4), Series: (1-4) tie (2-3)
4.
Irms for an approximate 40C temperature rise
5.
Isat for an approximate 30% drop maximum of
the nominal value
6.
Turns Ratio (1-3) : (2-4) = 1 : 1
7.
Tape and reel quantity, 350 pcs/reel
8.
For non-RoHS parts replace DR prefix with
42- (e.g. DR359-1 becomes 42-359-1)
9.
Terminal finish is compliant to RoHS
requirements. Solder in accordance with
J-STD-020D


Similar Part No. - DR359-1_14

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR359-1-102 DATATRONICS-DR359-1-102 Datasheet
146Kb / 1P
   SHIELDED SMD INDUCTOR/TRANSFORMER
DR359-1-103 DATATRONICS-DR359-1-103 Datasheet
146Kb / 1P
   SHIELDED SMD INDUCTOR/TRANSFORMER
DR359-1-104 DATATRONICS-DR359-1-104 Datasheet
146Kb / 1P
   SHIELDED SMD INDUCTOR/TRANSFORMER
DR359-1-105 DATATRONICS-DR359-1-105 Datasheet
146Kb / 1P
   SHIELDED SMD INDUCTOR/TRANSFORMER
DR359-1-152 DATATRONICS-DR359-1-152 Datasheet
146Kb / 1P
   SHIELDED SMD INDUCTOR/TRANSFORMER
More results

Similar Description - DR359-1_14

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR359-1-471 DATATRONICS-DR359-1-471 Datasheet
146Kb / 1P
   SHIELDED SMD INDUCTOR/TRANSFORMER
DR358-1 DATATRONICS-DR358-1_14 Datasheet
104Kb / 1P
   SHIELDED SMD INDUCTOR DR358-1 SERIES
DR357-1 DATATRONICS-DR357-1_14 Datasheet
97Kb / 1P
   SHIELDED SMD INDUCTOR DR357-1 SERIES
DR350-1 DATATRONICS-DR350-1_14 Datasheet
95Kb / 1P
   SHIELDED SMD INDUCTOR DR350-1 SERIES
logo
Bourns Electronic Solut...
PM600-01-RC BOURNS-PM600-01-RC Datasheet
369Kb / 5P
   SMD Inductor/Transformer
PM3602-5-RC BOURNS-PM3602-5-RC Datasheet
260Kb / 3P
   SMD Inductor/Transformer
logo
XFMRS Inc.
XFSDR63SH-1R5N XFMRS-XFSDR63SH-1R5N Datasheet
44Kb / 1P
   Shielded SMD Inductor
XFTPRH5D28-101M XFMRS-XFTPRH5D28-101M Datasheet
62Kb / 1P
   Shielded smd Inductor
XFTPRH105-6R8M XFMRS-XFTPRH105-6R8M Datasheet
46Kb / 1P
   Shielded smd Inductor
XFTPRH105-102M XFMRS-XFTPRH105-102M Datasheet
47Kb / 1P
   Shielded smd Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com