Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR354-1-872-T Datasheet(PDF) 2 Page - Datatronic Distribution, Inc.

Part # DR354-1-872-T
Description  SMD INDUCTOR DR354-1 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR354-1-872-T Datasheet(HTML) 2 Page - Datatronic Distribution, Inc.

  DR354-1-872-T Datasheet HTML 1Page - Datatronic Distribution, Inc. DR354-1-872-T Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
October 28, 2011
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice Page 2 of 2
MECHANICAL OUTLINES
Q VS FREQUENCY RESPONSE
Ls VS FREQUENCY RESPONSE
Notes:
1.
All dimensions are shown in millimeter “mm”
2.
General tolerance
0.1mm, unless other specified
3.
Tape and reel quantity, 4000 pcs/reel
4.
Terminal finish is compliant to RoHS requirements and is gold plated
5.
Solder in accordance with J-STD-002 Rev. D
6.
Non-RoHS series parts 42-354-1-XXX are finished with leaded solder Sn60Pb40 or equivalent


Similar Part No. - DR354-1-872-T

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR354-1-872-T DATATRONICS-DR354-1-872-T Datasheet
168Kb / 2P
   SMD INDUCTOR
More results

Similar Description - DR354-1-872-T

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR354-0 DATATRONICS-DR354-0_14 Datasheet
81Kb / 2P
   SMD INDUCTOR DR354-0 SERIES
DR354-3 DATATRONICS-DR354-3_14 Datasheet
170Kb / 2P
   SMD INDUCTOR DR354-3 SERIES
DR354-2 DATATRONICS-DR354-2_14 Datasheet
156Kb / 2P
   SMD INDUCTOR DR354-2 SERIES
DR354-4 DATATRONICS-DR354-4_14 Datasheet
161Kb / 2P
   SMD INDUCTOR DR354-4 SERIES
DR331-1 DATATRONICS-DR331-1_14 Datasheet
71Kb / 1P
   SMD INDUCTOR DR331-1 SERIES
DR365-1 DATATRONICS-DR365-1_14 Datasheet
74Kb / 1P
   SMD INDUCTOR DR365-1 SERIES
DR353-1 DATATRONICS-DR353-1_14 Datasheet
88Kb / 2P
   SMD INDUCTOR DR353-1 SERIES
DR333-1 DATATRONICS-DR333-1_14 Datasheet
119Kb / 1P
   SMD INDUCTOR DR333-1 SERIES
DR337-1 DATATRONICS-DR337-1_14 Datasheet
104Kb / 1P
   SMD INDUCTOR DR337-1 SERIES
DR355-1 DATATRONICS-DR355-1_14 Datasheet
73Kb / 1P
   SMD INDUCTOR DR355-1 SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com