Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR353-1-393 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR353-1-393
Description  SMD INDUCTOR DR353-1 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR353-1-393 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR353-1-393 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR353-1-393 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
August 24, 2009
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice. Page 1 of 2
SMD INDUCTOR DR353-1 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 0.1µH to 560.0µH
Operating Temp. -25°C to + 85°C
Tinned Leads with Leaded Solder is Available (note 6)
ELECTRICAL SPECIFICATIONS AT 25ºC
Part No.
Inductance (
H)
DCR
(
) Max.
Q
Min.
I rated
(mA) Max.
SRF
(MHz) Min.
DR353-1-101
0.10
20%
@1MHz
0.25
20
@25.2 MHz
700
200
DR353-1-181
0.18
20%
@1MHz
0.25
20
@25.2 MHz
650
200
DR353-1-271
0.27
20%
@1MHz
0.25
25
@25.2 MHz
600
200
DR353-1-391
0.39
20%
@1MHz
0.25
25
@25.2 MHz
530
200
DR353-1-561
0.56
20%
@1MHz
0.25
30
@25.2 MHz
530
160
DR353-1-681
0.68
20%
@1MHz
0.25
30
@25.2 MHz
470
160
DR353-1-821
0.82
20%
@1MHz
0.25
30
@25.2 MHz
450
120
DR353-1-102
1.0
20%
@1MHz
0.50
20
@1MHz
445
100
DR353-1-122
1.2
20%
@1MHz
0.60
20
@1MHz
425
100
DR353-1-152
1.5
20%
@1MHz
0.60
20
@1MHz
400
75
DR353-1-182
1.8
20%
@1MHz
0.70
20
@1MHz
390
60
DR353-1-222
2.2
20%
@1MHz
0.80
20
@1MHz
370
50
DR353-1-272
2.7
20%
@1MHz
0.90
20
@1MHz
320
43
DR353-1-332
3.3
20%
@1MHz
1.0
20
@1MHz
300
38
DR353-1-392
3.9
20%
@1MHz
1.1
20
@1MHz
290
35
DR353-1-472
4.7
20%
@1MHz
1.2
20
@1MHz
270
31
DR353-1-562
5.6
20%
@1MHz
1.3
20
@1MHz
250
28
DR353-1-682
6.8
20%
@1MHz
1.5
20
@1MHz
240
25
DR353-1-822
8.2
20%
@1MHz
1.6
20
@1MHz
225
23
DR353-1-103
10
10%
@1MHz
1.8
35
@1MHz
190
20
DR353-1-123
12
10%
@1MHz
2.0
35
@1MHz
180
18
DR353-1-153
15
10%
@1MHz
2.2
35
@1MHz
170
16
DR353-1-183
18
10%
@1MHz
2.5
35
@1MHz
165
15
DR353-1-223
22
10%
@1MHz
2.8
35
@1MHz
150
14
DR353-1-273
27
10%
@1MHz
3.1
35
@1MHz
125
13
DR353-1-333
33
10%
@1MHz
3.5
40
@1MHz
115
12
DR353-1-393
39
10%
@1MHz
3.9
40
@1MHz
110
11
DR353-1-473
47
10%
@1MHz
4.3
40
@1MHz
100
11
DR353-1-563
56
10%
@1MHz
4.9
40
@1MHz
85
10
DR353-1-683
68
10%
@1MHz
5.5
40
@1MHz
80
9
DR353-1-823
82
10%
@1MHz
6.2
40
@1MHz
70
8.5
DR353-1-104
100
10%
@1MHz
7.0
40
@796kHz
80
8
DR353-1-124
120
10%
@1MHz
8.0
40
@796kHz
75
7.5
DR353-1-154
150
10%
@1MHz
9.3
40
@796kHz
70
7
DR353-1-184
180
10%
@1MHz
10.2
40
@796kHz
65
6
DR353-1-224
220
10%
@1MHz
11.8
40
@796kHz
65
5.5
DR353-1-274
270
10%
@1MHz
12.5
40
@796kHz
65
5
DR353-1-334
330
10%
@1MHz
13.0
40
@796kHz
65
5
DR353-1-394
390
10%
@1MHz
22.0
50
@796kHz
50
5
DR353-1-474
470
10%
@1kHz
25.0
50
@796kHz
45
5
DR353-1-564
560
10%
@1kHz
28.0
50
@796kHz
40
5


Similar Part No. - DR353-1-393

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR353-1-393 DATATRONICS-DR353-1-393 Datasheet
94Kb / 2P
   SMD INDUCTOR
More results

Similar Description - DR353-1-393

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR353-6 DATATRONICS-DR353-6_14 Datasheet
81Kb / 1P
   SMD INDUCTOR DR353-6 SERIES
DR353-2 DATATRONICS-DR353-2_14 Datasheet
81Kb / 1P
   SMD INDUCTOR DR353-2 SERIES
DR353-4 DATATRONICS-DR353-4_14 Datasheet
81Kb / 1P
   SMD INDUCTOR DR353-4 SERIES
DR353-3 DATATRONICS-DR353-3_14 Datasheet
88Kb / 2P
   SMD INDUCTOR DR353-3 SERIES
DR353-5 DATATRONICS-DR353-5_14 Datasheet
85Kb / 2P
   SMD INDUCTOR DR353-5 SERIES
DR331-1 DATATRONICS-DR331-1_14 Datasheet
71Kb / 1P
   SMD INDUCTOR DR331-1 SERIES
DR365-1 DATATRONICS-DR365-1_14 Datasheet
74Kb / 1P
   SMD INDUCTOR DR365-1 SERIES
DR333-1 DATATRONICS-DR333-1_14 Datasheet
119Kb / 1P
   SMD INDUCTOR DR333-1 SERIES
DR337-1 DATATRONICS-DR337-1_14 Datasheet
104Kb / 1P
   SMD INDUCTOR DR337-1 SERIES
DR354-1 DATATRONICS-DR354-1_14 Datasheet
160Kb / 2P
   SMD INDUCTOR DR354-1 SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com