Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6611 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6611
Description  Single Supply 345 MHz Rail-to-Rail Output Amplifiers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6611 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6611 Datasheet HTML 4Page - Texas Instruments LMH6611 Datasheet HTML 5Page - Texas Instruments LMH6611 Datasheet HTML 6Page - Texas Instruments LMH6611 Datasheet HTML 7Page - Texas Instruments LMH6611 Datasheet HTML 8Page - Texas Instruments LMH6611 Datasheet HTML 9Page - Texas Instruments LMH6611 Datasheet HTML 10Page - Texas Instruments LMH6611 Datasheet HTML 11Page - Texas Instruments LMH6611 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
LMH6611, LMH6612
SNOSB00K – NOVEMBER 2007 – REVISED OCTOBER 2013
www.ti.com
±5V Electrical Characteristics (continued)
Unless otherwise specified, all limits are specified for TJ = +25°C, V
+ = 5V, V= −5V, V
S = V
+ – V, DISABLE = 5V, V
CM = VO
= 0V, AV = +1, RF = 0Ω, when AV ≠ +1 then RF = 560Ω, RL = 1 kΩ. Boldface limits apply at temperature extremes.
Symbol
Parameter
Condition
Min
Typ
Max
Units
(1)
(2)
(1)
CMRR
Common Mode Rejection Ratio
VCM Stepped from −5.1V to 3.7V
81
98
dB
AOL
Open Loop Gain
RL = 1 kΩ, VOUT = +4.6V to −4.6V
96
103
dB
RL = 150Ω, VOUT = +4.3V to −4.3V
80
87
Output DC Characteristics
VO
Output Swing High (LMH6611)
RL = 1 kΩ to GND
107
125
(Voltage from V+ Supply Rail)
130
RL = 150Ω to GND
339
402
433
Output Swing Low (LMH6611)
RL = 1 kΩ to GND
103
123
(Voltage from VSupply Rail)
132
RL = 150Ω to GND
332
404
445
RL = 150Ω to V
54
70
74
mV
Output Swing High (LMH6612)
RL = 1 kΩ to GND
107
118
(Voltage from V+ Supply Rail)
125
RL = 150Ω to GND
340
375
407
Output Swing Low (LMH6612)
RL = 1 kΩ to GND
108
120
(Voltage from VSupply Rail)
135
RL = 150Ω to GND
348
389
434
RL = 150Ω to V
56
66
74
IOUT
Linear Output Current
VOUT = GND
(4)
±120
mA
RO
Output Resistance
f = 1 MHz
0.07
Enable Pin Operation
Enable High Voltage Threshold
Enabled(5)
0.5
V
Enable Pin High Current
VDISABLE = +5V
17.0
µA
Enable Low Voltage Threshold
Disabled(5)
−0.5
V
Enable Pin Low Current
VDISABLE = −5V
18.6
µA
ton
Turn-On Time
19
ns
toff
Turn-Off Time
60
ns
Power Supply Performance
PSRR
Power Supply Rejection Ratio
DC, VCM = −4.5V, VS = 2.7V to 11V
81
96
dB
IS
Supply Current (LMH6611)
RL = ∞
3.3
3.8
4.4
mA
Supply Current (LMH6612)
RL = ∞
3.45
4.05
(per channel)
4.85
ISD
Disable Shutdown Current
DISABLE =
−5V
160
212
μA
(LMH6611)
(4)
Do not short circuit the output. Continuous source or sink currents larger than the IOUT typical are not recommended as they may
damage the part.
(5)
This parameter is ensured by design and/or characterization and is not tested in production.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMH6611 LMH6612


Similar Part No. - LMH6611

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LMH6611 INTERSIL-LMH6611 Datasheet
1Mb / 30P
   PowerWise짰 Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6611MK TI1-LMH6611MK Datasheet
1Mb / 32P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
LMH6611MKE TI1-LMH6611MKE Datasheet
1Mb / 32P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6611MKENOPB NSC-LMH6611MKENOPB Datasheet
2Mb / 42P
   LMH6611/LMH6612 Single Supply 345 MHz Rail-to-Rail Output Amplifiers
LMH6611MKNOPB NSC-LMH6611MKNOPB Datasheet
2Mb / 42P
   LMH6611/LMH6612 Single Supply 345 MHz Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6612MA TI1-LMH6612MA Datasheet
1Mb / 32P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
LMH6612 TI1-LMH6612 Datasheet
2Mb / 42P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Intersil Corporation
LMH6611 INTERSIL-LMH6611 Datasheet
1Mb / 30P
   PowerWise짰 Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6611 NSC-LMH6611_14 Datasheet
2Mb / 42P
   LMH6611/LMH6612 Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Linear Technology
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_1 Datasheet
332Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Texas Instruments
INA212-Q1 TI1-INA212-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com