Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

JAN1N6461 Datasheet(PDF) 6 Page - Microsemi Corporation

Part No. JAN1N6461
Description  Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

JAN1N6461 Datasheet(HTML) 6 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
T4-LDS-0286-1, Rev. 1 (4/22/13)
©2013 Microsemi Corporation
Page 6 of 6
1N6461US – 1N6468US
PACKAGE DIMENSIONS
NOTES:
1.
Dimensions are in inches.
2.
Millimeter equivalents are given for information only.
3.
Referencing to dimension S, minimum clearance of glass body to mounting surface on all orientations.
4.
Dimensions are pre-solider dip.
5.
In accordance with ASME Y14.5M, diameters are equivalent to
Φx symbology.
PAD LAYOUT
Inch
Millimeters
Min
Max
Min
Max
BL
0.137
0.148
3.48
3.76
BD
0.200
0.225
5.08
5.72
ECT
0.019
0.028
0.48
0.71
S
0.003
---
0.08
---
INCH
MILLIMETERS
A
0.288
7.32
B
0.070
1.78
C
0.155
3.94
Note: If mounting requires adhesive
separate from the solder, an additional
0.080 inch diameter contact may be placed
in the center between the pads
as an optional spot for cement.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn