Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB1-06 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IB1-06
Description  Protection from electrical shock
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IB1-06 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IB1-06 Datasheet HTML 1Page - List of Unclassifed Manufacturers IB1-06 Datasheet HTML 2Page - List of Unclassifed Manufacturers IB1-06 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part Number
Dimensions (mm)
Filter Application
A
B
C
D
E
F
IEC
IEC
With fuse
IEC
With switch/fuse
Voltage selector
IB1 – 06
55
9
40
6
20
30
YES
IB2 – 06
60
9
45
6
30
35
YES
IB3 – 06
85
9
75
6
30
60
YES
IB3 - 10
80
13
60
10
30
60
YES
Material thickness : 1mm approx…
Operating temperature range : -10
°C to 60°C
All dimensions are nominal
Schaffner Limited, Unit 5 Ashville Way, Molly Millar’s Lane, Wokingham, Berkshire RG41 2PL
T 00 44 118 977 0070 F 00 44 118 979 2969 E uksales@schaffner.com W www.schaffner.com
There are a full range of insulating boots available from Schaffner Ltd that provide a
physical cover for the exposed terminals on the back of IEC Inlet Filters. These boots
fit the simplest non-fused and unswitched style up to the fully fused and switched IEC
filtered inlet.
The boots are made from a durable black PVC material that conforms to UL94-V1
flammability requirements. The boots slip easily over the back of the filter and
reduce the risk of electrical shock to maintenance personnel whilst protecting the
filter from environmental hazard such as the ingress of dust and moisture.


Similar Part No. - IB1-06

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
IB100 HUBBELL-IB100 Datasheet
225Kb / 1P
   Xcelerator Jack Icon, XJ and HJ Series
IB100C HUBBELL-IB100C Datasheet
224Kb / 1P
   Xcelerator Jack Icon, XJ and HJ Series
IB100T HUBBELL-IB100T Datasheet
231Kb / 1P
   Xcelerator Jack Icon, XJ and HJ Series
logo
List of Unclassifed Man...
IB110 ETC2-IB110 Datasheet
1Mb / 1P
   Freescale ARM Cortex-A8, 800MHz industrial-grade processor
IB110F ETC2-IB110F Datasheet
1Mb / 1P
   Freescale ARM Cortex-A8, 800MHz industrial-grade processor
More results

Similar Description - IB1-06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2689 STMICROELECTRONICS-AN2689 Datasheet
803Kb / 42P
   Protection of automotive electronics from electrical hazards
logo
A-Data Technology
HD700 A-DATA-HD700 Datasheet
508Kb / 2P
   G Shock Sensor Protection
logo
List of Unclassifed Man...
HD-PNTU3 ETC2-HD-PNTU3 Datasheet
1Mb / 2P
   USB 3.0 Portable Hard Drive with Data Encryption, Shock Protection
logo
Festo Corporation.
8161533 FESTO-8161533 Datasheet
91Kb / 1P
   Shock absorber
12/4/22
8160237 FESTO-8160237 Datasheet
78Kb / 1P
   Shock absorber
12/6/22
8160235 FESTO-8160235 Datasheet
77Kb / 1P
   Shock absorber
12/6/22
logo
SynQor Worldwide Headqu...
PQ60120QZB33 SYNQOR-PQ60120QZB33 Datasheet
2Mb / 13P
   Protection from permanent damage and hazardous conditions
logo
National Instruments Co...
NI9921 NI-NI9921 Datasheet
136Kb / 3P
   Protection from harsh outdoor or industrial environments
logo
SynQor Worldwide Headqu...
PQ60025EGL25 SYNQOR-PQ60025EGL25 Datasheet
2Mb / 14P
   Protection from permanent damage and hazardous conditions
logo
Murata Manufacturing Co...
PKS1-4A1 MURATA-PKS1-4A1 Datasheet
80Kb / 1P
   Shock Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com