Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV55-C36 Datasheet(PDF) 3 Page - General Semiconductor

Part # BZV55-C36
Description  ZENER DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BZV55-C36 Datasheet(HTML) 3 Page - General Semiconductor

  BZV55-C36 Datasheet HTML 1Page - General Semiconductor BZV55-C36 Datasheet HTML 2Page - General Semiconductor BZV55-C36 Datasheet HTML 3Page - General Semiconductor BZV55-C36 Datasheet HTML 4Page - General Semiconductor BZV55-C36 Datasheet HTML 5Page - General Semiconductor BZV55-C36 Datasheet HTML 6Page - General Semiconductor BZV55-C36 Datasheet HTML 7Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BZV55 SERIES
ELECTRICAL CHARACTERISTICS
(1) Valid provided that electrodes are kept at ambient temperature.
(1) Tested with pulses tp = 5 ms.
(3) IZ = 2 mA
See BZV55-y table for all characteristics other than zener voltage range.
Type
Zener Voltage
range(1)
at
IZ = 5 mA
VZ V
±5% Tol.
min.
max.
Type
Zener Voltage
range(1)
at
IZ = 5 mA
VZ V
±3% Tol.
min.
max.
Type
Zener Voltage
range(1)
at
IZ = 5 mA
VZ V
±2% Tol.
min.
max.
BZV55-C2V4
2.20
2.60
BZV55-C2V7
2.50
2.90
BZV55-C3V0
2.80
3.20
BZV55-C3V3
3.10
3.50
BZV55-C3V6
3.40
3.80
BZV55-C3V9
3.70
4.10
BZV55-C4V3
4.00
4.60
BZV55-C4V7
4.40
5.00
BZV55-C5V1
4.80
5.40
BZV55-C5V6
5.20
6.00
BZV55-C6V2
5.80
6.60
BZV55-C6V8
6.40
7.20
BZV55-C7V5
7.00
7.90
BZV55-C8V2
7.70
8.70
BZV55-C9V1
8.50
9.60
BZV55-C10
9.40
10.60
BZV55-C11
10.40
11.60
BZV55-C12
11.40
12.70
BZV55-C13
12.40
14.10
BZV55-C15
13.80
15.60
BZV55-C16
15.30
17.10
BZV55-C18
16.80
19.10
BZV55-C20
18.80
21.20
BZV55-C22
20.80
23.30
BZV55-C24
22.80
25.60
BZV55-C27
25.10
28.90(3)
BZV55-C30
28.00
32.00(3)
BZV55-C33
31.00
35.00(3)
BZV55-C36
34.00
38.00(3)
BZV55-C39
37.00
41.00(3)
BZV55-C43
40.00
46.00(3)
BZV55-C47
44.00
50.00(3)
BZV55-C51
48.00
54.00(3)
BZV55-C56
52.00
60.00(3)
BZV55-C62
58.00
66.00(3)
BZV55-C68
64.00
72.00(3)
BZV55-C75
70.00
79.00(3)
BZV55-F2V4
2.33
2.47
BZV55-F2V7
2.62
2.78
BZV55-F3V0
2.91
3.09
BZV55-F3V3
3.20
3.40
BZV55-F3V6
3.49
3.71
BZV55-F3V9
3.78
4.02
BZV55-F4V3
4.17
4.43
BZV55-F4V7
4.56
4.84
BZV55-F5V1
4.95
5.25
BZV55-F5V6
5.43
5.77
BZV55-F6V2
6.01
6.39
BZV55-F6V8
6.60
7.00
BZV55-F7V5
7.28
7.72
BZV55-F8V2
7.95
8.45
BZV55-F9V1
8.83
9.37
BZV55-F10
9.70
10.30
BZV55-F11
10.67
11.33
BZV55-F12
11.64
12.36
BZV55-F13
12.61
13.39
BZV55-F15
14.55
15.45
BZV55-F16
15.50
16.50
BZV55-F18
17.50
18.50
BZV55-F20
19.40
20.60
BZV55-F22
21.30
22.70
BZV55-F24
23.30
24.70
BZV55-F27
26.20
27.80(3)
BZV55-F30
29.10
30.90(3)
BZV55-F33
32.00
34.00(3)
BZV55-F36
34.90
37.10(3)
BZV55-F39
37.80
40.20(3)
BZV55-F43
41.70
44.30(3)
BZV55-F47
45.60
48.40(3)
BZV55-F51
49.50
52.50(3)
BZV55-F56
54.30
57.70(3)
BZV55-F62
60.10
63.90(3)
BZV55-F68
66.00
70.00(3)
BZV55-F75
72.80
77.20(3)
BZV55-B2V4
2.35
2.45
BZV55-B2V7
2.65
2.75
BZV55-B3V0
2.94
3.06
BZV55-B3V3
3.23
3.37
BZV55-B3V6
3.53
3.67
BZV55-B3V9
3.82
3.98
BZV55-B4V3
4.21
4.39
BZV55-B4V7
4.61
4.79
BZV55-B5V1
5.00
5.20
BZV55-B5V6
5.49
5.71
BZV55-B6V2
6.08
6.32
BZV55-B6V8
6.66
6.94
BZV55-B7V5
7.35
7.65
BZV55-B8V2
8.04
8.36
BZV55-B9V1
8.92
9.28
BZV55-B10
9.80
10.20
BZV55-B11
10.80
11.20
BZV55-B12
11.80
12.20
BZV55-B13
12.70
13.30
BZV55-B15
14.70
15.30
BZV55-B16
15.70
16.30
BZV55-B18
17.60
18.40
BZV55-B20
19.60
20.40
BZV55-B22
21.60
22.40
BZV55-B24
23.50
24.50
BZV55-B27
26.50
27.50(3)
BZV55-B30
29.40
30.60(3)
BZV55-B33
32.30
33.70(3)
BZV55-B36
35.30
36.70(3)
BZV55-B39
38.20
39.80(3)
BZV55-B43
42.10
43.90(3)
BZV55-B47
46.10
47.90(3)
BZV55-B51
50.00
52.00(3)
BZV55-B56
54.90
57.10(3)
BZV55-B62
60.80
63.20(3)
BZV55-B68
66.60
69.40(3)
BZV55-B75
73.50
76.50(3)


Similar Part No. - BZV55-C36

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV55-C36 PHILIPS-BZV55-C36 Datasheet
60Kb / 12P
   Voltage regulator diodes
2002 Feb 28
logo
GOOD-ARK Electronics
BZV55-C36 GOOD-ARK-BZV55-C36 Datasheet
313Kb / 7P
   Zener Diodes
logo
NXP Semiconductors
BZV55-C36 NXP-BZV55-C36 Datasheet
77Kb / 12P
   Voltage regulator diodes
Rev. 5-26 January 2011
More results

Similar Description - BZV55-C36

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com