Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT-159RUR Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # HT-159RUR
Description  Reverse Mountable 1206 (3216) with Dome Lens
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-159RUR Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button HT-159RUR Datasheet HTML 4Page - List of Unclassifed Manufacturers HT-159RUR Datasheet HTML 5Page - List of Unclassifed Manufacturers HT-159RUR Datasheet HTML 6Page - List of Unclassifed Manufacturers HT-159RUR Datasheet HTML 7Page - List of Unclassifed Manufacturers HT-159RUR Datasheet HTML 8Page - List of Unclassifed Manufacturers HT-159RUR Datasheet HTML 9Page - List of Unclassifed Manufacturers HT-159RUR Datasheet HTML 10Page - List of Unclassifed Manufacturers HT-159RUR Datasheet HTML 11Page - List of Unclassifed Manufacturers HT-159RUR Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Reverse Mountable 1206 (3216) with Dome Lens
HT-159R Series
Official Product
Product: HT-159R Series
Data Sheet No.
Tentative Product
****************
HT-159R Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
Nov. 14, 2007
Version of 1.2
Page
8/26
Lot P/N:
1
2
3
4
5
6
7
8
9
10
P 1 2 2 3 0 A - DT
Code 1
Code 2
Code 3
Code 4, 5
Code 6, 7
Code 9
Code 10
Mfg. Year
Mfg. Month
Mfg. Date
Lots
Resin Color
Packaging
Internal
Tracing
Code
Z: 2000
1: 2001
2: 2002
3: 2003
…..
1: Jan.
2: Feb.
….
9: Sep.
A: Oct.
B: Nov.
C: Dec.
1~31/ (30)
01~99,
A,B,C…
C: Clear
D: Diffused
T: Tape & Reel


Similar Part No. - HT-159RUR

ManufacturerPart #DatasheetDescription
logo
Elite Enterprises (H.K....
HT-150 ELITE-HT-150 Datasheet
306Kb / 2P
   Visible LED
HT-150CB ELITE-HT-150CB Datasheet
306Kb / 2P
   Visible LED
HT-150CBS ELITE-HT-150CBS Datasheet
306Kb / 2P
   Visible LED
HT-150CG ELITE-HT-150CG Datasheet
306Kb / 2P
   Visible LED
HT-150CW ELITE-HT-150CW Datasheet
306Kb / 2P
   Visible LED
More results

Similar Description - HT-159RUR

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B1591 HARVATEK-B1591 Datasheet
758Kb / 14P
   Reverse Mountable with Dome LED
07/24/2017 Version 1.2
logo
List of Unclassifed Man...
APTD3216 ETC-APTD3216 Datasheet
213Kb / 1P
   DOME LENS SMD CHIP LED 3216
logo
STANLEY ELECTRIC CO.,LT...
FR1105W-TR STANLEY-FR1105W-TR Datasheet
440Kb / 19P
   3216 Dome Lens Type, Water Clear resin
VFJY1105W-4C92D-TR STANLEY-VFJY1105W-4C92D-TR Datasheet
736Kb / 21P
   3216 size Dome Lens Type, Yellow color emitting LED
logo
Panasonic Semiconductor
LNJ216C8ARA PANASONIC-LNJ216C8ARA Datasheet
30Kb / 1P
   3216 with Micro - lens
logo
List of Unclassifed Man...
QBLP653B-IR1 ETC1-QBLP653B-IR1 Datasheet
657Kb / 9P
   IR LED with Dome Lens
QBLP653-IR1 ETC1-QBLP653-IR1 Datasheet
657Kb / 9P
   IR LED with Dome Lens
QBLP653-IR3 ETC1-QBLP653-IR3 Datasheet
654Kb / 9P
   IR LED with Dome Lens
logo
Panasonic Semiconductor
LNJ318C8TRU1 PANASONIC-LNJ318C8TRU1 Datasheet
29Kb / 1P
   Dome-Lens Type
logo
P-tec Corporation
PL011-CDB20Z P-TEC-PL011-CDB20Z_14 Datasheet
77Kb / 1P
   1.8mm Round Dome Lens with Flange
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com