Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T00004 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # T00004
Description  UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

T00004 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  T00004 Datasheet HTML 1Page - Solid States Devices, Inc T00004 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
Electrical Characteristics
Part
Number
STA15K7.9
thru
STA15K100
STA15K7.9
STA15K8.9
STA15K9.8
STA15K10.7
STA15K11.0
STA15K12.7
STA15K13.5
STA15K15.0
STA15K16.7
STA15K18.0
STA15K20.2
STA15K22.6
STA15K24.5
STA15K27.9
STA15K30.5
STA15K34
STA15K36
STA15K39
STA15K45
STA15K49
STA15K51
STA15K57
STA15K62
STA15K68
STA15K75
STA15K82
STA15K91
STA15K100
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
A
1.75
1.50
1.50
1.25
1.25
1.00
1.00
0.75
0.75
0.65
0.65
0.50
0.50
0.50
0.40
0.40
0.30
0.30
0.30
0.25
0.25
0.20
0.20
0.20
0.20
0.15
0.15
0.15
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
11.7
12.5
13.8
15.0
16.2
17.3
19.0
22.0
23.5
26.5
29.0
31.9
34.7
38.5
42.9
46.9
50.0
55.6
60.0
65.2
71.4
78.9
88.2
93.7
107.1
115.4
125.0
136.4
.03
.03
.03
.05
.05
.05
.05
.05
.06
.06
.06
.06
.06
.06
.06
.06
.06
.06
.06
.07
.07
.07
.07
.08
.08
.08
.08
.09
16.500
13.200
00.440
00.220
00.165
00.110
00.044
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
1280
1200
1090
1000
930
870
790
680
640
570
520
470
430
390
350
320
300
270
250
230
210
190
170
160
140
130
120
110
Notes:
1 .
All voltages are measured with automated test set using 35 msec test time. Longer or shorter test times will have a corresponding effect on the measured
value due to heating effects.
2.
Ratings based on 25° C case temperature.
3.
Pulse width (tp) is delined as the time from rated peak pulse current IPP to the point where peak pulse current decayed to 50% of rated IPP.
Volts
% / °C
7.9
8.9
9.8
10.7
11.0
12.7
13.5
15.0
16.7
18.0
20.2
22.6
24.5
27.9
30.5
34.0
36.0
39.0
45.0
49.0
51.0
57.0
62.0
68.0
75.0
82.0
91.0
100.0
12.5
11.5
10.2
9.5
8.6
7.7
7.0
6.0
5.5
5.0
4.4
3.9
3.6
3.1
2.8
2.6
2.4
2.1
1.8
1.75
1.7
1.6
1.5
1.3
1.2
1.1
1.0
.09
For optional high reliability screening or higher zener voltages, consult SSDI MARKETING Department.
mA
Volts
A
Volts
For 5% Voltage
Tolerance specify
"B" in place of A
V
BR
@I
RBT
V
RWM
V
C
I
PP
I
RM
TC
I
R @ VRWM
Nominal
Voltage
Test
Current
Voltage
Reverse
Leakage
Current
Voltage
(max)
@ Current
tp=1ms
(note 4)
Maximum
Continuous
Current
(note 3)
Maximum
Temperature
Coefficient
Break Down (note 1)
Max Reverse Stand Off
Peak Pulse Clamping
A
PEAK PULSE POWER VS. PULSE WIDTH
PULSE WIDTH
CURRENT PULSE WAVEFORM
STEADY STATE POWER DERATING
CASE TEMPERATURE (
°C)


Similar Part No. - T00004

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
T00004 SSDI-T00004_15 Datasheet
50Kb / 2P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - T00004

ManufacturerPart #DatasheetDescription
logo
Sensitron
704-15K36T SENSITRON-704-15K36T_09 Datasheet
161Kb / 7P
   Transient Voltage Suppressor, Unidirectional
PHP8.4 SENSITRON-PHP8.4 Datasheet
52Kb / 3P
   Transient Voltage Suppressor, Unidirectional
logo
Solid States Devices, I...
STD5KA5.0 SSDI-STD5KA5.0 Datasheet
196Kb / 3P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00006 SSDI-T00006 Datasheet
80Kb / 2P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00030B SSDI-T00030B_15 Datasheet
196Kb / 3P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00006 SSDI-T00006_15 Datasheet
80Kb / 2P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
704-15K36 SENSITRON-704-15K36 Datasheet
170Kb / 7P
   Transient Voltage Suppressor, Unidirectional
logo
Solid States Devices, I...
STA3KA13.6JE SSDI-STA3KA13.6JE_1 Datasheet
74Kb / 2P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00004 SSDI-T00004_15 Datasheet
50Kb / 2P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00030B SSDI-T00030B Datasheet
196Kb / 3P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com