Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH0075A Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SH0075A
Description  SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0075A Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SH0075A Datasheet HTML 1Page - Solid States Devices, Inc SH0075A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0075A
DOC
ELECTRICAL CHARACTERISTICS 4/
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TA=25ºC, 300sec pulse)
IF = 0.4 A
IF = 2 A
IF = 4 A
IF = 6 A
IF = 8 A
VF1
VF2
VF3
VF4
VF5
-
0.65
0.77
0.825
0.865
0.90
-
0.82
0.87
-
0.95
VDC
Instantaneous Forward Voltage Drop
(TA=-55ºC, 300sec pulse)
IF = 4 A
IF = 8 A
VF6
VF7
-
1.03
1.34
-
-
VDC
Instantaneous Forward Voltage Drop
(TA=125ºC, 300sec pulse)
IF = 0.4 A
IF = 2 A
IF = 4 A
IF = 6 A
IF = 8 A
VF11
VF12
VF13
VF14
VF15
-
0.49
0.615
0.685
0.73
0.77
-
0.69
0.76
-
0.85
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300sec pulse minimum)
IR1
-
0.3
5
A
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300sec pulse minimum)
IR2
-
50
-
A
Reverse Leakage Current
(Rated VR, TA = 125ºC, 300sec pulse minimum)
IR3
-
200
1000
A
Reverse Leakage Current
(Rated VR, TA = 150ºC, 300sec pulse minimum)
IR4
-
1000
-
A
Junction Capacitance
(f = 1MHz, TA = 25ºC)
VR = 5V
VR = 10V
CJ
-
90
65
-
100
pF
Package Outline:
SMD.22 (S.22)
PIN OUT:
PIN 1: CATHODE
PIN 2: ANODE
PIN 3: ANODE
Note: For optimal
performance,
connect anode
terminals together.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR08150S.22 thru
SSR08200S.22


Similar Part No. - SH0075A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0075A SSDI-SH0075A_15 Datasheet
107Kb / 2P
   HERMETIC SURFACE MOUNT SCHOTTKY RECTIFIER
More results

Similar Description - SH0075A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com