Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSUSB74 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSUSB74
Description  4:1 High-Speed USB Multiplexer/Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB74 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSUSB74 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB74 Datasheet HTML 2Page - Fairchild Semiconductor FSUSB74 Datasheet HTML 3Page - Fairchild Semiconductor FSUSB74 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB74 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB74 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB74 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB74 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB74 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
April 2012
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB74 • Rev. 1.0.2
FSUSB74
4:1 High-Speed USB Multiplexer/Switch
Features
Switch Type
4:1
USB
USB 2.0 High–Speed Compliant
USB 2.0 Full-Speed Compliant
RON
6.5Ω
CON
7.5pF
ESD (IEC61000-4-2)
15kV (Air)
8kV (Contact)
VCC
2.7 to 4.4V
ICCSLP
<1µA
ICCACT
9µA
Package
16- Lead UMLP 1.80 x 2.60 x
0.55mm, 0.40mm Pitch
16-Lead MLP 3 x 3 x 0.7mm,
0.5mm Pitch
Ordering Information
FSUSB74UMX (UMLP)
FSUSB74MPX (MLP)
Description
The FSUSB74 is a bi-directional, low-power, high-speed
USB 2.0 4:1 MUX. It is optimized for switching from four
high-speed (480Mbps) sources or any combination of high-
speed and full-/low-speed USB/UART sources to one USB
2.0 connector.
Applications
MP3 Portable Media Players
Cellular Phones, Smart Phones
Netbooks, Mobile Internet Devices (MID)
Related Resources
For samples and questions, please contact:
Analog.Switch@fairchildsemi.com.
FSUSB74 Demonstration Board
FSUSB74 Evaluation Board
Typical Application
Figure 1. Mobile Phone Example
4:1
MUX
4G
µProcessor
3G
µProcessor
PMIC
Application
µProcessor
USB Port
FSUSB74
HS-USB #1
HS-USB #2
HS-USB #3
HS-USB #4
D+
D-


Similar Part No. - FSUSB74

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB74 FAIRCHILD-FSUSB74 Datasheet
468Kb / 4P
   4:1 High-Speed USB Multiplexer/Switch
logo
ON Semiconductor
FSUSB74 ONSEMI-FSUSB74 Datasheet
494Kb / 12P
   4:1 High-Speed USB Multiplexer/Switch
April 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FSUSB74UMX FAIRCHILD-FSUSB74UMX Datasheet
468Kb / 4P
   4:1 High-Speed USB Multiplexer/Switch
logo
ON Semiconductor
FSUSB74UMX ONSEMI-FSUSB74UMX Datasheet
494Kb / 12P
   4:1 High-Speed USB Multiplexer/Switch
April 2012 Rev. 1.0.2
More results

Similar Description - FSUSB74

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB74 FAIRCHILD-FSUSB74 Datasheet
468Kb / 4P
   4:1 High-Speed USB Multiplexer/Switch
logo
ON Semiconductor
FSUSB74 ONSEMI-FSUSB74 Datasheet
494Kb / 12P
   4:1 High-Speed USB Multiplexer/Switch
April 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
FSUSB73 ONSEMI-FSUSB73 Datasheet
482Kb / 12P
   3:1 High-Speed USB Multiplexer and Hub Routing Switch
April 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FSUSB73 FAIRCHILD-FSUSB73 Datasheet
458Kb / 3P
   3:1 High-Speed USB Multiplexer and Hub Routing Switch
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
logo
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
logo
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com