Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQD12N20 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FQD12N20
Description  N-Channel QFET MOSFET 200 V, 9 A, 280 m
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD12N20 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FQD12N20 Datasheet HTML 1Page - Fairchild Semiconductor FQD12N20 Datasheet HTML 2Page - Fairchild Semiconductor FQD12N20 Datasheet HTML 3Page - Fairchild Semiconductor FQD12N20 Datasheet HTML 4Page - Fairchild Semiconductor FQD12N20 Datasheet HTML 5Page - Fairchild Semiconductor FQD12N20 Datasheet HTML 6Page - Fairchild Semiconductor FQD12N20 Datasheet HTML 7Page - Fairchild Semiconductor FQD12N20 Datasheet HTML 8Page - Fairchild Semiconductor FQD12N20 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Mechanical Dimensions
Dimension in Millimeters
TO-251 3L (IPAK)
Figure
17. TO251 (IPAK) Molded 3 Lead
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/package/packageDetails.html?id=PN_TO251-003
.
©2009 Fairchild Semiconductor Corporation
FQD12N20 / FQU12N20 Rev. C1
www.fairchildsemi.com
8


Similar Part No. - FQD12N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD12N20 FAIRCHILD-FQD12N20 Datasheet
694Kb / 9P
   200V N-Channel MOSFET
FQD12N20 FAIRCHILD-FQD12N20 Datasheet
862Kb / 9P
   N-Channel QFET짰 MOSFET 200 V, 9 A, 280 m廓
logo
VBsemi Electronics Co.,...
FQD12N20 VBSEMI-FQD12N20 Datasheet
1,009Kb / 7P
   N-Channel 200 V (D-S) MOSFET
logo
Inchange Semiconductor ...
FQD12N20 ISC-FQD12N20 Datasheet
293Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-07
logo
Fairchild Semiconductor
FQD12N20L FAIRCHILD-FQD12N20L Datasheet
606Kb / 9P
   200V LOGIC N-Channel MOSFET
More results

Similar Description - FQD12N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU12N20TU FAIRCHILD-FQU12N20TU Datasheet
862Kb / 9P
   N-Channel QFET짰 MOSFET 200 V, 9 A, 280 m廓
FQD10N20LTF FAIRCHILD-FQD10N20LTF Datasheet
765Kb / 8P
   N-Channel QFET MOSFET 200 V, 7.6 A, 360 m
FQD5N20LTM FAIRCHILD-FQD5N20LTM Datasheet
863Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.8 A, 1.2
FQD4N20TF FAIRCHILD-FQD4N20TF Datasheet
781Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.0 A, 1.4
FQD10N20CTM FAIRCHILD-FQD10N20CTM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 200 V, 7.8 A, 360 mOhm
FQD18N20V2TM FAIRCHILD-FQD18N20V2TM Datasheet
737Kb / 9P
   N-Channel QFET MOSFET 200 V, 15 A, 140 mOhm
FQD17N08LTF FAIRCHILD-FQD17N08LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 80 V, 12.9 A, 100 m
FQP20N06TSTU FAIRCHILD-FQP20N06TSTU Datasheet
721Kb / 8P
   N-Channel QFET MOSFET 60 V, 20 A, 60 m
FQD13N06TF FAIRCHILD-FQD13N06TF Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
logo
ON Semiconductor
FQA9N90C-F109 ONSEMI-FQA9N90C-F109 Datasheet
1Mb / 9P
   N-Channel QFET® MOSFET 900 V, 9 A, 1.4 Ω
December-2017, Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com