Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH0059A Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SH0059A
Description  SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0059A Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SH0059A Datasheet HTML 1Page - Solid States Devices, Inc SH0059A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0059A
DOC
ELECTRICAL CHARACTERISTICS 1/
Symbol
Max
Unit
Instantaneous Forward Voltage Drop
(IF = 100 mADC, TA = 25
°C, 300-500 μs Pulse)
VF1
0.330
Volts
Instantaneous Forward Voltage Drop
(IF = 1 ADC, TA = 25
°C, 300-500 μs Pulse)
VF2
0.470
Volts
Instantaneous Forward Voltage Drop
(IF = 2 ADC, TA = 25
°C, 300-500 μs Pulse)
VF3
0.620
Volts
Instantaneous Forward Voltage Drop
(IF = 3.1 ADC, TA = 25
°C, 300-500 μs Pulse)
VF4
0.720
Volts
Instantaneous Forward Voltage Drop
(IF = 1 ADC, TA = 100
°C, 300-500 μs Pulse)
VF5
0.450
Volts
Instantaneous Forward Voltage Drop
(IF = 2 ADC, TA = 100
°C, 300-500 μs Pulse)
VF6
0.610
Volts
Instantaneous Forward Voltage Drop
(IF = 1 ADC, TA = -55
°C, 300-500 μs Pulse)
VF7
0.600
Volts
Instantaneous Forward Voltage Drop
(IF = 2 ADC, TA = -55
°C, 300-500 μs Pulse)
VF8
0.650
Volts
Reverse Leakage Current
(VR = 45 V, TA = 25
°C, 300 μs minimum Pulse)
IR1
50
µA
Reverse Leakage Current
(VR = 45 V, TA = 100
°C, 300 μs minimum Pulse)
IR2
3.0
mA
Junction Capacitance
(VR = 5 VDC, TA = 25
°C, f = 1 MHz)
CJ
70
pF
AXIAL LEADED CASE OUTLINE:
DIMENSIONS
CODE
MIN.
MAX.
A
.080”
.107”
B
.160”
.205”
C
1.00”
---
D
.028”
.034”
SMS CASE OUTLINE:
DIMENSIONS
CODE
MIN.
MAX.
A
.125”
.135”
B
.155”
.185”
C
.022”
.028”
D
.003”
---
NOTES: Dimensions are prior to solder dipping
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR0245


Similar Part No. - SH0059A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0059A SSDI-SH0059A_15 Datasheet
125Kb / 2P
   SCHOTTKY RECTIFIER
More results

Similar Description - SH0059A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com