Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLF-60 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FLF-60
Description  Protecting Wiring Harnesses
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FLF-60 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FLF-60 Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this Data Sheet are by definition uncontrolled. This bulletin is intended to clearly
present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any products
and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it
should be tested by the user in all possible applications.
Fusible Links
FLF, FLM
Protecting Wiring Harnesses
Form No. FLF, FLM
Page 1 of 1
Data Sheet: 2069
Bussmann®
9-28-04
SB04335
1.26"
(32.0)
.88"
(22.4)
.35"
(9.0)
Part
Rated
No.
Current
Applicable Wire
Color
FLF-60
60A
AVS 5
(AWG 10)
Yellow
FLF-50
50A
AVS 3
(AGW 12)
Red
FLF-40
40A
AVS 3
(AGW 12)
Green
FLF-30
30A
AVS 2
(AWG 14)
Pink
FLF-20
20A
AVS 1.25 (AWG 16)
Light Blue
.97"
(24.7)
.88"
(22.4)
1.79"
(45.5)
.39"
(9.8)
Carton Data
Cat.
Type
Symbol
Connection
Amperes
Qty.
Weight
Dimensions
Volume
FLF
Female
20, 30, 40,
10
.30 Lbs.
3" x 2" x 73/4"
46.5
50, 60
cu. in
Carton Data
Cat.
Type
Symbol
Connection
Amperes
Qty.
Weight
Dimensions
Volume
FLM
Male
30, 60, 80,
10
.35 Lbs.
3" x 2" x 73/4"
46.5
100, 120
cu. in
Dimensions
Part
Rated
No.
Current
Applicable Wire
Color
FLM-120
120A
AV 15
(AWG 6)
Gray
FLM-100
100A
AV 10
(AWG 8)
Blue
FLM-80
80A
AV 8
(AWG 8)
Black
FLM-60
60A
AVS 5
(AWG 10)
Yellow
FLM-30
30A
AVS 2
(AWG 14)
Pink


Similar Part No. - FLF-60

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FLF3215T-4R7M TDK-FLF3215T-4R7M Datasheet
61Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
logo
Micrel Semiconductor
FLF3215T-R47N MICREL-FLF3215T-R47N Datasheet
1Mb / 19P
   4MHz, 2A, 100% Duty Cycle Buck Regulator with HyperLight Load짰 and Power Good
More results

Similar Description - FLF-60

ManufacturerPart #DatasheetDescription
logo
Littelfuse
00251200 LITTELFUSE-00251200 Datasheet
139Kb / 1P
   13-Pole Universal Wiring harnesses ??12V ??ISO 11446
logo
EPCOS
B59201J0140B010 EPCOS-B59201J0140B010 Datasheet
247Kb / 7P
   Self-protecting power resistors
logo
Alpha Wire
PVC-105-24 ALPHAWIRE-PVC-105-24 Datasheet
4Mb / 42P
   Better wire management means better harnesses
logo
Toshiba Semiconductor
DF3A8.2LFU TOSHIBA-DF3A8.2LFU Datasheet
91Kb / 3P
   DIODES FOR PROTECTING AGAINST ESD
DF5A3.3F TOSHIBA-DF5A3.3F Datasheet
185Kb / 3P
   Diodes for Protecting against ESD
DF5A68FU TOSHIBA-DF5A68FU Datasheet
158Kb / 3P
   DIODES FOR PROTECTING AGAINST ESD
DF3A6.8LFE TOSHIBA-DF3A6.8LFE Datasheet
96Kb / 3P
   Diodes for Protecting Against ESD
DF5A8.2LF TOSHIBA-DF5A8.2LF Datasheet
94Kb / 3P
   Diodes for Protecting Against ESD
DF546 TOSHIBA-DF546 Datasheet
84Kb / 2P
   DIODES (DIODES FOR PROTECTING AGAINST ESD)
DF5A6 TOSHIBA-DF5A6 Datasheet
85Kb / 2P
   DIODES (DIODES FOR PROTECTING AGAINST ESD)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com