Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCX1047ATA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FCX1047ATA
Description  SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FCX1047ATA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FCX1047ATA Datasheet HTML 1Page - List of Unclassifed Manufacturers FCX1047ATA Datasheet HTML 2Page - List of Unclassifed Manufacturers FCX1047ATA Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1m
10
100m
100
IC - Collector Current (A)
VCE(sat) v IC
0
IC/IB=200
IC/IB=100
IC/IB=50
+100°C
+25°C
IC - Collector Current (A)
hFE v IC
+25°C
+100°C
-55°C
IC - Collector Current (A)
VBE(on) v IC
+100°C
+150°C
0.2
+25°C
0
IC - Collector Current (A)
VCE(sat) v IC
+100°C
+150°C
0.6
+25°C
0
IC - Collector Current (A)
VBE(sat) v IC
1s
100ms
100
DC
0.1
VCE - Collector Emitter Voltage (V)
Safe Operating Area
10ms
1ms
100
µs
+150°C
VCE=2V
+25°C
-55°C
IC/IB=100
VCE=2V
-55°C
IC/IB=100
10m
100m
1
110
1
10
100
0.4
0.6
400
200
600
800
0
100
10
1
100m
10m
1m
100
10
1
100m
10m
1m
-55°C
0.2
0.4
0.8
1
100
10
1
100m
10m
1m
100
10
1
100m
10m
1m
0.6
0.4
0.2
1
0.8
0.6
0.4
0.2
0
FCX1047A
TYPICAL CHARACTERISTICS


Similar Part No. - FCX1047ATA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX1047A ZETEX-FCX1047A Datasheet
51Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Guangdong Kexin Industr...
FCX1047A KEXIN-FCX1047A Datasheet
52Kb / 2P
   NPN Silicon Power Switching Transistor
logo
Diodes Incorporated
FCX1047A DIODES-FCX1047A Datasheet
68Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX1047A DIODES-FCX1047A_15 Datasheet
446Kb / 7P
   10V NPN MEDIUM POWER TRANSISTOR IN SOT89
More results

Similar Description - FCX1047ATA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX690B DIODES-FCX690B Datasheet
96Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
List of Unclassifed Man...
FCX617TA ETC2-FCX617TA Datasheet
87Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX688B DIODES-FCX688B Datasheet
89Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX1047A DIODES-FCX1047A Datasheet
68Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX688BTA DIODES-FCX688BTA Datasheet
89Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX617 DIODES-FCX617 Datasheet
87Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX617 DIODES-FCX617_15 Datasheet
87Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX688B DIODES-FCX688B_15 Datasheet
89Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Zetex Semiconductors
FCX619 ZETEX-FCX619_03 Datasheet
1Mb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
List of Unclassifed Man...
FCX1151ATA ETC2-FCX1151ATA Datasheet
66Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com