Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F17723102030 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # F17723102030
Description  Interference Suppression Film Capacitor - Class X2 Radial MKT 310 VAC - High Stability Grade
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F17723102030 Datasheet(HTML) 5 Page - Vishay Siliconix

  F17723102030 Datasheet HTML 1Page - Vishay Siliconix F17723102030 Datasheet HTML 2Page - Vishay Siliconix F17723102030 Datasheet HTML 3Page - Vishay Siliconix F17723102030 Datasheet HTML 4Page - Vishay Siliconix F17723102030 Datasheet HTML 5Page - Vishay Siliconix F17723102030 Datasheet HTML 6Page - Vishay Siliconix F17723102030 Datasheet HTML 7Page - Vishay Siliconix F17723102030 Datasheet HTML 8Page - Vishay Siliconix F17723102030 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
F1772 X2
www.vishay.com
Vishay Roederstein
Revision: 15-Apr-14
5
Document Number: 28161
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MOUNTING
Normal Use
The capacitors are designed for mounting on printed-circuit boards. The capacitors packed in bandoliers are designed for
mounting in printed-circuit boards by means of automatic insertion machines.
For detailed tape specifications refer to packaging information: www.vishay.com/doc?28139.
Specific Method of Mounting to Withstand Vibration and Shock
In order to withstand vibration and shock tests, it must be ensured that stand-off pips are in good contact with the printed-circuit
board:
• For pitches
 15 mm capacitors shall be mechanically fixed by the leads
• For larger pitches the capacitors shall be mounted in the same way and the body clamped
Space Requirements on Printed Circuit Board
The maximum space for length (Imax.), width (wmax.) and height (hmax.) of film capacitors to take in account on the printed circuit
board is shown in the drawings.
• For products with pitch
 15 mm, w = l = 0.3 mm; h = 0.1 mm
• For products with 15 mm < pitch
 27.5 mm, w = l = 0.5 mm; h = 0.1 mm
• For products with pitch = 37.5 mm,
w = l = 0.7 mm; h = 0.5 mm
Eccentricity defined as in drawing. The maximum eccentricity is smaller than or equal to the lead diameter of the product
concerned.
SOLDERING CONDITIONS
For general soldering conditions and wave soldering profile, we refer to the application note: “Soldering Guidelines for Film
Capacitors”: www.vishay.com/doc?28171
Storage Temperature
Tstg = -25 °C to +35 °C with RH maximum 75 % without condensation
Ratings and Characteristics Reference Conditions
Unless otherwise specified, all electrical values apply to an ambient temperature of 23 °C ± 1 °C, an atmospheric pressure of
86 kPa to 106 kPa and a relative humidity of 50 % ± 2 %.
For reference testing, a conditioning period shall be applied over 96 h ± 4 h by heating the products in a circulating air oven at
the rated temperature and a relative humidity not exceeding 20 %.
CBA116
Eccentricity
w
max. = w + Δw
h
max. = h + Δh
I
max. = I + ΔI
Seating plane


Similar Part No. - F17723102030

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F177231020 VISHAY-F177231020 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
More results

Similar Description - F17723102030

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1778410K2FCB0 VISHAY-F1778410K2FCB0 Datasheet
165Kb / 13P
   Interference Suppression Film Capacitor - Class X2 Radial MKP 310 VAC - Standard Across the Line
Revision: 13-Dec-13
F1773X2 VISHAY-F1773X2 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
F339X2 VISHAY-F339X2 Datasheet
178Kb / 14P
   THB Grade IIB Class X2 Interference Suppression Film Capacitor
F340X2 VISHAY-F340X2 Datasheet
181Kb / 12P
   THB Grade IIIB Class X2 Interference Suppression Film Capacitor
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
F17103101900 VISHAY-F17103101900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
F17724152030 VISHAY-F17724152030 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F17725102000 VISHAY-F17725102000 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F1772-2 VISHAY-F1772-2 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F17102221900 VISHAY-F17102221900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com