Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC0834CCNNOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # ADC0834CCNNOPB
Description  ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0834CCNNOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADC0834CCNNOPB Datasheet HTML 14Page - Texas Instruments ADC0834CCNNOPB Datasheet HTML 15Page - Texas Instruments ADC0834CCNNOPB Datasheet HTML 16Page - Texas Instruments ADC0834CCNNOPB Datasheet HTML 17Page - Texas Instruments ADC0834CCNNOPB Datasheet HTML 18Page - Texas Instruments ADC0834CCNNOPB Datasheet HTML 19Page - Texas Instruments ADC0834CCNNOPB Datasheet HTML 20Page - Texas Instruments ADC0834CCNNOPB Datasheet HTML 21Page - Texas Instruments ADC0834CCNNOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
ADC0831-N, ADC0832-N, ADC0834-N, ADC0838-N
SNAS531B – AUGUST 1999 – REVISED MARCH 2013
www.ti.com
Adjusting for an Arbitrary Analog Input Voltage Range
If the analog zero voltage of the A/D is shifted away from ground (for example, to accommodate an analog input
signal which does not go to ground), this new zero reference should be properly adjusted first. A VIN (+) voltage
which equals this desired zero reference plus ½ LSB (where the LSB is calculated for the desired analog span,
using 1 LSB= analog span/256) is applied to selected “+” input and the zero reference voltage at the
corresponding “
−” input should then be adjusted to just obtain the 00HEX to 01HEX code transition.
The full-scale adjustment should be made [with the proper VIN(−) voltage applied] by forcing a voltage to the
VIN(+) input which is given by:
where
VMAX = the high end of the analog input range
VMIN = the low end (the offset zero) of the analog range. (Both are ground referenced.)
(2)
The VREF (or VCC) voltage is then adjusted to provide a code change from FEHEX to FFHEX. This completes the
adjustment procedure.
Power Supply
A unique feature of the ADC0838-N and ADC0834-N is the inclusion of a zener diode connected from the V+
terminal to ground which also connects to the VCC terminal (which is the actual converter supply) through a
silicon diode, as shown in Figure 24(1).
Figure 24. An On-Chip Shunt Regulator Diode
This zener is intended for use as a shunt voltage regulator to eliminate the need for any additional regulating
components. This is most desirable if the converter is to be remotely located from the system power source.
Figure 25 and Figure 27 illustrate two useful applications of this on-board zener when an external transistor can
be afforded.
An important use of the interconnecting diode between V+ and VCC is shown in Figure 26 and Figure 28. Here,
this diode is used as a rectifier to allow the VCC supply for the converter to be derived from the clock. The low
current requirements of the A/D and the relatively high clock frequencies used (typically in the range of 10k–400
kHz) allows using the small value filter capacitor shown to keep the ripple on the VCC line to well under ¼ of an
LSB. The shunt zener regulator can also be used in this mode. This requires a clock voltage swing which is in
excess of VZ. A current limit for the zener is needed, either built into the clock generator or a resistor can be used
from the CLK pin to the V+ pin.
(1)
Internal zener diodes (6.3 to 8.5V) are connected from V+ to GND and VCC to GND. The zener at V+ can operate as a shunt regulator
and is connected to VCC via a conventional diode. Since the zener voltage equals the A/D's breakdown voltage, the diode insures that
VCC will be below breakdown when the device is powered from V+. Functionality is therefore ensured for V+ operation even though the
resultant voltage at VCC may exceed the specified Absolute Max of 6.5V. It is recommended that a resistor be used to limit the max
current into V+. (See Figure 24 in Functional Description)
18
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC0831-N ADC0832-N ADC0834-N ADC0838-N


Similar Part No. - ADC0834CCNNOPB

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ADC0834CCN MICRO-LINEAR-ADC0834CCN Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0834CCN NSC-ADC0834CCN Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0834CCN TI-ADC0834CCN Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0834CCN/NOPB TI-ADC0834CCN/NOPB Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0834CCN/NOPB TI1-ADC0834CCN/NOPB Datasheet
2Mb / 40P
[Old version datasheet]   ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
More results

Similar Description - ADC0834CCNNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0832CCN TI1-ADC0832CCN Datasheet
2Mb / 40P
[Old version datasheet]   ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI1-ADC0831-N Datasheet
797Kb / 35P
[Old version datasheet]   ADC0831/ADC0832/ADC0834/ADC0838 8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
logo
National Semiconductor ...
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC08831 TI1-ADC08831 Datasheet
1Mb / 32P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com