Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC0820CCWMNOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC0820CCWMNOPB
Description   8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0820CCWMNOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC0820CCWMNOPB Datasheet HTML 7Page - Texas Instruments ADC0820CCWMNOPB Datasheet HTML 8Page - Texas Instruments ADC0820CCWMNOPB Datasheet HTML 9Page - Texas Instruments ADC0820CCWMNOPB Datasheet HTML 10Page - Texas Instruments ADC0820CCWMNOPB Datasheet HTML 11Page - Texas Instruments ADC0820CCWMNOPB Datasheet HTML 12Page - Texas Instruments ADC0820CCWMNOPB Datasheet HTML 13Page - Texas Instruments ADC0820CCWMNOPB Datasheet HTML 14Page - Texas Instruments ADC0820CCWMNOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
ADC0820-N
www.ti.com
SNAS529C – JUNE 1999 – REVISED MARCH 2013
FUNCTIONAL DESCRIPTION
GENERAL OPERATION
The ADC0820-N uses two 4-bit flash A/D converters to make an 8-bit measurement (Figure 3). Each flash ADC
is made up of 15 comparators which compare the unknown input to a reference ladder to get a 4-bit result. To
take a full 8-bit reading, one flash conversion is done to provide the 4 most significant data bits (via the MS flash
ADC). Driven by the 4 MSBs, an internal DAC recreates an analog approximation of the input voltage. This
analog signal is then subtracted from the input, and the difference voltage is converted by a second 4-bit flash
ADC (the LS ADC), providing the 4 least significant bits of the output data word.
The internal DAC is actually a subsection of the MS flash converter. This is accomplished by using the same
resistor ladder for the A/D as well as for generating the DAC signal. The DAC output is actually the tap on the
resistor ladder which most closely approximates the analog input. In addition, the “sampled-data” comparators
used in the ADC0820-N provide the ability to compare the magnitudes of several analog signals simultaneously,
without using input summing amplifiers. This is especially useful in the LS flash ADC, where the signal to be
converted is an analog difference.
THE SAMPLED-DATA COMPARATOR
Each comparator in the ADC0820-N consists of a CMOS inverter with a capacitively coupled input (Figure 17
Figure 18). Analog switches connect the two comparator inputs to the input capacitor (C) and also connect the
inverter's input and output. This device in effect now has one differential input pair. A comparison requires two
cycles, one for zeroing the comparator, and another for making the comparison.
In the first cycle, one input switch and the inverter's feedback switch (Figure 17) are closed. In this interval, C is
charged to the connected input (V1) less the inverter's bias voltage (VB, approximately 1.2V). In the second cycle
(Figure 18), these two switches are opened and the other (V2) input's switch is closed. The input capacitor now
subtracts its stored voltage from the second input and the difference is amplified by the inverter's open loop gain.
The inverter's input (VB′) becomes
(1)
and the output will go high or low depending on the sign of VB′−VB.
The actual circuitry used in the ADC0820-N is a simple but important expansion of the basic comparator
described above. By adding a second capacitor and another set of switches to the input (Figure 19), the scheme
can be expanded to make dual differential comparisons. In this circuit, the feedback switch and one input switch
on each capacitor (Z switches) are closed in the zeroing cycle. A comparison is then made by connecting the
second input on each capacitor and opening all of the other switches (S switches). The change in voltage at the
inverter's input, as a result of the change in charge on each input capacitor, will now depend on both input signal
differences.
• VO = VB
• V on C = V1
−VB
• CS = stray input node capacitor
• VB = inverter input bias voltage
Zeroing Phase
Figure 17. Sampled-Data Comparator
Compare Phase
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC0820-N


Similar Part No. - ADC0820CCWMNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0820CCWM NSC-ADC0820CCWM Datasheet
472Kb / 22P
   8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
More results

Similar Description - ADC0820CCWMNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0820 NSC-ADC0820 Datasheet
472Kb / 22P
   8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
logo
Texas Instruments
ADC0820-N TI1-ADC0820-N Datasheet
604Kb / 25P
[Old version datasheet]   ADC0820 8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
logo
National Semiconductor ...
ADC1061 NSC-ADC1061 Datasheet
320Kb / 11P
   10-Bit High-Speed 關P-Compatible A/D Converter with Track/Hold Function
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
   8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
   CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
Analog Devices
AD7821KPZ AD-AD7821KPZ Datasheet
816Kb / 16P
   LC2MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7821 AD-AD7821_15 Datasheet
816Kb / 16P
   LC MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7820 AD-AD7820_15 Datasheet
612Kb / 12P
   LC MOS High Speed P Compatible 8 Bit ADC with Track Hold Function
REV. A
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com