Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS6148 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6148
Description  14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6148 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS6148 Datasheet HTML 5Page - Texas Instruments ADS6148 Datasheet HTML 6Page - Texas Instruments ADS6148 Datasheet HTML 7Page - Texas Instruments ADS6148 Datasheet HTML 8Page - Texas Instruments ADS6148 Datasheet HTML 9Page - Texas Instruments ADS6148 Datasheet HTML 10Page - Texas Instruments ADS6148 Datasheet HTML 11Page - Texas Instruments ADS6148 Datasheet HTML 12Page - Texas Instruments ADS6148 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
DIGITAL CHARACTERISTICS – ADS614x and ADS612x
Dn_Dn+1_P
Dn_Dn+1_P
Dn_Dn+1_M
Dn_Dn+1_M
GND
GND
V
OCM
V
OCM
Logic0
V
= –350mV
ODL
(1)
Logic1
V
=350mV
ODH
(1)
T0399-01
ADS6149/ADS6129
ADS6148/ADS6128
www.ti.com ..................................................................................................................................................... SLWS211B – JULY 2008 – REVISED OCTOBER 2008
The DC specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic
level 0 or 1. AVDD = 3.3 V, DRVDD = 1.8 V
ADS6149/ADS6148/
ADS6129/ADS6128
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
DIGITAL INPUTS – RESET, SCLK, SDATA, SEN(1)
High-level input voltage
1.3
V
All digital inputs support 1.8V and 3.3V CMOS logic
levels
Low-level input voltage
0.4
V
SDATA, SCLK(2)
VHIGH = 3.3V
16
High-level input current
µA
SEN(3)
VHIGH = 3.3V
10
SDATA, SCLK
VLOW = 0V
0
Low-level input current
µA
SEN
VLOW = 0V
–20
Input capacitance
4
pF
DIGITAL OUTPUTS – CMOS INTERFACE (Pins D0 to D13 and OVR_SDOUT)
High-level output voltage
DRVDD
V
Low-level output voltage
0
V
Output capacitance (internal to device)
2
pF
DIGITAL OUTPUTS – LVDS INTERFACE (Pins D0_D1_P/M to D12_D13_P/M)(4)
VODH, High-level output voltage
(5)
275
350
425
mV
VODL, Low-level output voltage
(5)
–425
–350
–275
mV
VOCM, Output common-mode voltage
1
1.2
1.3
V
Capacitance inside the device, from either output to
Output capacitance
2
pF
ground
(1)
SCLK, SDATA, SEN function as digital input pins in serial configuration mode.
(2)
SDATA, SCLK have internal 200 k
Ω pull-down resistor
(3)
SEN has internal 100 k
Ω pull-up resistor to AVDD. Since the pull-up is weak, SEN can also be driven by 1.8V or 3.3V CMOS buffers.
(4)
OVR_SDOUT has CMOS output logic levels, determined by DRVDD voltage.
(5)
With external 100
Ω termination
Figure 1. LVDS Voltage Levels
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS6149/ADS6129 ADS6148/ADS6128


Similar Part No. - ADS6148

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6148 TI-ADS6148 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6148 TI-ADS6148 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6148 TI-ADS6148 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6148IRGZR TI-ADS6148IRGZR Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6148IRGZR TI-ADS6148IRGZR Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
More results

Similar Description - ADS6148

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149_1 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5560 TI1-ADS5560 Datasheet
1Mb / 61P
[Old version datasheet]   MSPS ADCs With DDR LVDS and CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com