Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZY97-C11 Datasheet(PDF) 1 Page - General Semiconductor

Part No. BZY97-C11
Description  ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BZY97-C11 Datasheet(HTML) 1 Page - General Semiconductor

  BZY97-C11 Datasheet HTML 1Page - General Semiconductor BZY97-C11 Datasheet HTML 2Page - General Semiconductor BZY97-C11 Datasheet HTML 3Page - General Semiconductor BZY97-C11 Datasheet HTML 4Page - General Semiconductor BZY97-C11 Datasheet HTML 5Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
♦ Silicon Power Zener Diodes
♦ For use in stabilizing and clipping circuits with
high power rating.
♦ The Zener voltages are graded according to the
international E 24 standard. Smaller voltage tolerances
are available upon request.
MECHANICAL DATA
Case: DO-41 Plastic Case
Weight: approx. 0.34 g
MAXIMUM RATINGS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNIT
Zener Current (see Table “Characteristics”)
Power Dissipation at Tamb =60°C
Ptot
1.51)
Watts
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
– 55 to +150
°C
BZY97-C11 THRU BZY97-C68
ZENER DIODES
max. ∅
Cathode
0.035 (0.9)
Mark
max. ∅ 0.11 (2.7)
DO-41 Plastic
Dimensions are in inches and (millimeters)
Characteristics at Tamb = 25 °C
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance
RthJA
––
601)
°C/W
Junction to Ambient Air
NOTES:
(1) Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature.
12/16/98


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
1SMA5913BT3 PLASTIC SURFACE MOUNT ZENER DIODES 1.5 WATTS 3.3-68 VOLTS 1  2  3  4  5  More Motorola, Inc
RD120S ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD 1  2  3  4  5  More NEC
MMSZ5221B SURFACE MOUNT SILICON ZENER DIODES 1  2  3  4  5  Pan Jit International Inc.
CDLL3016B 1 WATT ZENER DIODES 1  2  Compensated Deuices Incorporated
ZMM1 0.5W SILICON PLANAR ZENER DIODES 1  2  3  4  5  More Shanghai Lunsure Electronic Tech
1N5913A SILICON ZENER DIODES 1  2  EIC discrete Semiconductors
SZ553J SURFACE MOUNT SILICON ZENER DIODES 1  2  EIC discrete Semiconductors
1N746 ZENER DIODES 1  2  General Semiconductor
DZ23 Dual Common-Cathode Zener Diodes 1  2  3  4  5  More General Semiconductor
MMBZ5225 ZENER DIODES 1  2  General Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn