Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
BZY97-C11 Datasheet(PDF) 5 Page - General Semiconductor
Part No.
BZY97-C11
Description
ZENER
DIODES
Download
5 Pages
Scroll/Zoom
100%
Maker
GE [General Semiconductor]
Homepage
http://www.vishay.com
Logo
BZY97-C11 Datasheet(HTML) 5 Page - General Semiconductor
zoom in
zoom out
5
/ 5 page
RATINGS AND CHARACTERISTIC CURVES BZY97-C11 THRU BZY97-C68
Html Pages
1
2
3
4
5
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
1SMA5913BT3
PLASTIC
SURFACE
MOUNT
ZENER
DIODES
1.5
WATTS
3.3-68
VOLTS
1
2
3
4
5
More
Motorola, Inc
RD120S
ZENER
DIODES
200
mW
2
PINS
SUPER
MINI
MOLD
1
2
3
4
5
More
NEC
MMSZ5221B
SURFACE
MOUNT
SILICON
ZENER
DIODES
1
2
3
4
5
Pan Jit International Inc.
CDLL3016B
1
WATT
ZENER
DIODES
1
2
Compensated Deuices Incorporated
ZMM1
0.5W
SILICON
PLANAR
ZENER
DIODES
1
2
3
4
5
More
Shanghai Lunsure Electronic Tech
1N5913A
SILICON
ZENER
DIODES
1
2
EIC discrete Semiconductors
SZ553J
SURFACE
MOUNT
SILICON
ZENER
DIODES
1
2
EIC discrete Semiconductors
1N746
ZENER
DIODES
1
2
General Semiconductor
DZ23
Dual
Common-Cathode
Zener
Diodes
1
2
3
4
5
More
General Semiconductor
MMBZ5225
ZENER
DIODES
1
2
General Semiconductor
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn