Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH0051A Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SH0051A
Description  SCHOTTKY SMD Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0051A Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SH0051A Datasheet HTML 1Page - Solid States Devices, Inc SH0051A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0051A
DOC
ELECTRICAL CHARACTERISTICS
Symbol
Value
Unit
Instantaneous Forward Voltage Drop
(TA = 25
oC, 300 μsec Pulse)
IF = 1 ADC
IF = 2 ADC
IF = 3 ADC
VF1
VF2
VF3
0.48
0.58
0.71
VDC
Instantaneous Forward Voltage Drop
(TA = -55
oC, 300 μsec Pulse)
IF = 1 ADC
IF = 2 ADC
IF = 3 ADC
VF4
VF5
VF6
0.56
0.64
0.74
VDC
Instantaneous Forward Voltage Drop
(TA = +100
oC, 300 μsec Pulse)
IF = 1 ADC
IF = 2 ADC
IF = 3 ADC
VF7
VF8
VF9
0.40
0.53
0.66
VDC
Reverse Leakage Current
(Rated VR, 300 μsec pulse minimum)
TA = 25
oC
TA = +100
oC
IR1
IR2
0.1
10
mA
Junction Capacitance
(VR =5VDC, TA = 25
oC, f = 1 MHz)
CJ
300
pF
CASE OUTLINE: SMD.22
PIN 1: CATHODE
PIN 2: ANODE
PIN 3: ANODE
.140
.052
.134 .030
.070
.090
.150
±.007
.220±.007
.005 TYP
.065±.010
1
2
3
CASE OUTLINE: TO-5
PIN 1: CATHODE
PIN 2: ANODE
PIN 3: ANODE
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR0340


Similar Part No. - SH0051A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0051A SSDI-SH0051A_15 Datasheet
116Kb / 2P
   SCHOTTKY SMD Rectifier
More results

Similar Description - SH0051A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0051A SSDI-SH0051A_15 Datasheet
116Kb / 2P
   SCHOTTKY SMD Rectifier
SSR0340 SSDI-SSR0340 Datasheet
116Kb / 2P
   SCHOTTKY SMD Rectifier
logo
Diotec Semiconductor
SK12 DIOTEC-SK12_V01 Datasheet
720Kb / 3P
   SMD Schottky Barrier Rectifier Diodes SMD Schottky-Gleichrichterdioden
2022-10-24
logo
Comchip Technology
CDBC320 COMCHIP-CDBC320 Datasheet
64Kb / 2P
   SMD Schottky Barrier Rectifier
CDBB220 COMCHIP-CDBB220 Datasheet
67Kb / 2P
   SMD Schottky Barrier Rectifier
CDBA5817 COMCHIP-CDBA5817 Datasheet
67Kb / 2P
   SMD Schottky Barrier Rectifier
CDBA120L COMCHIP-CDBA120L Datasheet
145Kb / 4P
   SMD Schottky Barrier Rectifier
CDBA120 COMCHIP-CDBA120 Datasheet
67Kb / 2P
   SMD Schottky Barrier Rectifier
logo
Formosa MS
MDS12 FORMOSA-MDS12 Datasheet
57Kb / 7P
   SMD Schottky Bridge Rectifier
MDS22 FORMOSA-MDS22 Datasheet
67Kb / 7P
   SMD Schottky Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com