Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4066B-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD4066B-Q1
Description  CMOS QUAD BILATERAL SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4066B-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  CD4066B-Q1 Datasheet HTML 1Page - Texas Instruments CD4066B-Q1 Datasheet HTML 2Page - Texas Instruments CD4066B-Q1 Datasheet HTML 3Page - Texas Instruments CD4066B-Q1 Datasheet HTML 4Page - Texas Instruments CD4066B-Q1 Datasheet HTML 5Page - Texas Instruments CD4066B-Q1 Datasheet HTML 6Page - Texas Instruments CD4066B-Q1 Datasheet HTML 7Page - Texas Instruments CD4066B-Q1 Datasheet HTML 8Page - Texas Instruments CD4066B-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CD4066B-Q1
www.ti.com
SCHS383
– APRIL 2011
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
DC supply-voltage range, VDD (voltages referenced to VSS terminal)
–0.5 to 20
V
Input voltage range, Vis (all inputs)
–0.5 to VDD + 0.5
V
DC input current, IIN (any one input)
±10
mA
Package thermal impedance,
θJA
(2)
D package
86
°C/W
Human-Body Model (HBM)
500
ESD Electrostatic discharge(3)
Machine Model (MM)
150
V
Field_Induced_Charged Device Model (CDM)
1000
Lead temperature (during soldering): At distance 1/16
± 1/32 inch (1,59 ± 0,79 mm) from case for 10 s max
265
°C
Storage temperature range, Tstg
–65 to 150
°C
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
(3)
Tested in accordance with AEC-Q100.
THERMAL INFORMATION
CD4066B-Q1
THERMAL METRIC(1)
D PACKAGE
UNITS
14 PINS
θJA
Junction-to-ambient thermal resistance
92.4
θJCtop
Junction-to-case (top) thermal resistance
52.5
θJB
Junction-to-board thermal resistance
46.7
°C/W
ψJT
Junction-to-top characterization parameter
46.4
ψJB
Junction-to-board characterization parameter
46.4
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VDD
Supply voltage
3
18
V
TA
Operating free-air temperature
–40
125
°C
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :CD4066B-Q1


Similar Part No. - CD4066B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066B-Q1 TI1-CD4066B-Q1 Datasheet
285Kb / 15P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI1-CD4066B-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results

Similar Description - CD4066B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066B TI1-CD4066B_14 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_18 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
logo
Intersil Corporation
CD4016BMS INTERSIL-CD4016BMS Datasheet
201Kb / 10P
   CMOS Quad Bilateral Switch
November 1994
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI-CD4066B_15 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4016B TI1-CD4016B_14 Datasheet
994Kb / 19P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066BMG4 TI-CD4066BMG4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM96G4 TI-CD4066BM96G4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_16 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com