Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC7211AIM5 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7211AIM5
Description  LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC7211AIM5 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMC7211AIM5 Datasheet HTML 7Page - Texas Instruments LMC7211AIM5 Datasheet HTML 8Page - Texas Instruments LMC7211AIM5 Datasheet HTML 9Page - Texas Instruments LMC7211AIM5 Datasheet HTML 10Page - Texas Instruments LMC7211AIM5 Datasheet HTML 11Page - Texas Instruments LMC7211AIM5 Datasheet HTML 12Page - Texas Instruments LMC7211AIM5 Datasheet HTML 13Page - Texas Instruments LMC7211AIM5 Datasheet HTML 14Page - Texas Instruments LMC7211AIM5 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LMC7211-N
www.ti.com
SNOS746F – MAY 2004 – REVISED JANUARY 2013
Figure 5. Measurement of the Shoot-Through Current
From Figure 5, the shoot-through current for the LMC7211 can be calculated to be 0.2 mA (typical), and the
duration is 1
μs. The values needed for the bypass capacitors can be calculated as follows:
Area of
Δ = ½ (1 μs × 200 μA)
= 100 pC
The capacitor needs to supply 100 picocolumb. To avoid large shifts in the comparator threshold due to changes
in the voltage level, the voltage drop at the bypass capacitor should be limited to 100 mV or less.
The charge needed (100 picocolumb) and the allowable voltage drop (100 mV) will give us the minimum
capacitor value required.
ΔQ
= C (
ΔV)
C =
ΔQ/ΔV = 100 picocolumb/100 mV
C = 10-10/10-1 = 10-9 = 1 nF = 0.001
μF
10-9 = 1 nF = 0.001
μF
The voltage drop of
∼100 mV will cause a threshold shift in the comparator. This threshold shift will be reduced
by the power supply rejection ratio, (PSRR). The PSRR which is applicable here is not the DC value of PSRR
(
∼80 dB), but a transient PSRR which will be usually about 20 dB–40 dB, depending on the circuit and the speed
of the transient. This will result in an effective threshold shift of about 1 mV to 10 mV.
For precision and level sensing circuits, it is generally a good goal to reduce the voltage delta on the power
supply to a value equal to or less than the hysteresis of the comparator circuit. If the above circuit was to be used
with 50 mV of hysteresis, it would be reasonable to increase the bypass capacitor to 0.01
μF to reduce the
voltage delta to 10 mV. Larger values may be useful for obtaining more accurate and consistent switching.
Note that the switching current of the comparator can spread to other parts of the board as noise. The bypass
capacitor reduces this noise. For low noise systems this may be reason to make the capacitor larger.
For non-precision circuits, such as using a comparator to determine if a push-button switch is on or off, it is often
cheaper and easier to use a larger value of hysteresis and a small value or bypass capacitance. The low shoot-
through current of the LMC7211 can allow the use of smaller and less expensive bypass capacitors in non-critical
circuits.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMC7211-N


Similar Part No. - LMC7211AIM5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7211AIM5 NSC-LMC7211AIM5 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
LMC7211AIM5 TI1-LMC7211AIM5 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5 TI-LMC7211AIM5 Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5 TI1-LMC7211AIM5 Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5/NOPB TI1-LMC7211AIM5/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results

Similar Description - LMC7211AIM5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7211AIM5X TI-LMC7211AIM5X Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
[Old version datasheet]   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com