Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC2G53DCUTG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G53DCUTG4
Description  SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G53DCUTG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G53DCUTG4 Datasheet HTML 1Page - Texas Instruments SN74LVC2G53DCUTG4 Datasheet HTML 2Page - Texas Instruments SN74LVC2G53DCUTG4 Datasheet HTML 3Page - Texas Instruments SN74LVC2G53DCUTG4 Datasheet HTML 4Page - Texas Instruments SN74LVC2G53DCUTG4 Datasheet HTML 5Page - Texas Instruments SN74LVC2G53DCUTG4 Datasheet HTML 6Page - Texas Instruments SN74LVC2G53DCUTG4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G53DCUTG4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G53DCUTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Seemechanicaldrawingsfordimensions.
DCTPACKAGE
(TOP VIEW)
DCUPACKAGE
(TOP VIEW)
YZP PACKAGE
(BOTTOMVIEW)
1
V
CC
8
COM
2
7
INH
Y1
3
6
GND
Y2
4
5
GND
A
3
6
Y2
GND
8
1
V
CC
COM
5
GND
4
A
2
7
Y1
INH
GND
5
4
A
3 6
Y2
GND
2 7
Y1
INH
8
V
CC
1
COM
SN74LVC2G53
www.ti.com
SCES324N – JULY 2001 – REVISED JANUAY 2014
SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch
2:1 Analog Multiplexer/Demultiplexer
Check for Samples: SN74LVC2G53
1
FEATURES
DESCRIPTION
This
dual
analog
multiplexer/demultiplexer
is
2
Available in the Texas Instruments
designed for 1.65-V to 5.5-V VCC operation.
NanoFree™ Package
The SN74LVC2G53 can handle both analog and
1.65-V to 5.5-V VCC Operation
digital signals. The device permits signals with
Ioff Support Live Insertion, Partial Power Down
amplitudes of up to 5.5 V (peak) to be transmitted in
Mode and Back Drive Protection
either direction.
High On-Off Output Voltage Ratio
NanoFree™
package
technology
is
a
major
High Degree of Linearity
breakthrough in IC packaging concepts, using the die
High Speed, Typically 0.5 ns (VCC = 3 V,
as the package.
CL = 50 pF)
Applications
include
signal
gating,
chopping,
Low On-State Resistance, Typically 96.5
modulation or demodulation (modem), and signal
(VCC = 4.5 V)
multiplexing for analog-to-digital and digital-to-analog
conversion systems.
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
2000-V Human-Body Model (A114-A)
200-V Machine Model (A115-A)
1000-V Charged-Device Model (C101)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC2G53DCUTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G53DCUTG4 TI1-SN74LVC2G53DCUTG4 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53DCUTG4 TI1-SN74LVC2G53DCUTG4 Datasheet
820Kb / 33P
[Old version datasheet]   SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
JANUARY 2019
More results

Similar Description - SN74LVC2G53DCUTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G53 TI-SN74LVC2G53_15 Datasheet
896Kb / 22P
[Old version datasheet]   SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53 TI1-SN74LVC2G53_18 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74AUC2G53 TI-SN74AUC2G53_09 Datasheet
592Kb / 20P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53_15 Datasheet
873Kb / 22P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53 Datasheet
335Kb / 18P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53_07 Datasheet
507Kb / 20P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74LVC2G53 TI-SN74LVC2G53 Datasheet
412Kb / 18P
[Old version datasheet]   SINGLE POLE DOUBLE THROW ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXR/DEMULTIPLEXER
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com