Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR217-2-224 Datasheet(PDF) 2 Page - Datatronic Distribution, Inc.

Part # DR217-2-224
Description  DR217-2 SERIES RADIAL LEADED INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR217-2-224 Datasheet(HTML) 2 Page - Datatronic Distribution, Inc.

  DR217-2-224 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR217-2-224 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
October 18, 2011
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
Page 2 of 2
1
2
SCHEMATIC
±0,50
TYP
.433 MAX.
11,00
.590 MIN.
15,00
.039 MIN.
1,00
Ø .275 MAX.
7,00
Ø .025
0,65
.098
2,50
1
2
±.020
DR217-2 SERIES RADIAL LEADED INDUCTORS
Part Number
Inductance
(uH) @1kHz
Q Min.
Q Test Freq.
DCR (Ohm) Max.
Rated DC Current (A)
Max.
DR217-2-226
22000
50
79.6kHz
60
0.045
DR217-2-306
30000
50
79.6kHz
91.5
0.040
DR217-2-336
33000
50
79.6kHz
98.5
0.035
DR217-2-396
39000
50
79.6kHz
140
0.032
DR217-2-476
47000
50
79.6kHz
160
0.030
DR217-2-506
50000
50
79.6kHz
170
0.029
DR217-2-566
56000
50
79.6kHz
250
0.028
DR217-2-686
68000
50
79.6kHz
282
0.025
DR217-2-826
82000
50
79.6kHz
312
0.023
DR217-2-107
100000
30
25.2kHz
380
0.020
DR217-2-127
120000
30
25.2kHz
430
0.018
DR217-2-157
150000
30
25.2kHz
520
0.016
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions are shown in inches/millimeters
2.
Unless otherwise specified, tolerance = Inches: ±0.012
= Millimeters: ±0,30
3.
IDC MAX based on the inductance being 90% of its initial value
4.
For non-RoHS parts replace DR prefix with 42- (e.g. DR217-2 becomes 42-217-2)
5.
Terminal finish is compliant to RoHS requirements


Similar Part No. - DR217-2-224

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR217-2-224 DATATRONICS-DR217-2-224 Datasheet
76Kb / 2P
   RADIAL LEADED INDUCTORS
More results

Similar Description - DR217-2-224

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR217-9 DATATRONICS-DR217-9_14 Datasheet
76Kb / 1P
   DR217-9 SERIES RADIAL LEADED INDUCTORS
DR217-4 DATATRONICS-DR217-4_14 Datasheet
71Kb / 1P
   DR217-4 SERIES RADIAL LEADED INDUCTORS
DR217-6 DATATRONICS-DR217-6_14 Datasheet
78Kb / 1P
   DR217-6 SERIES RADIAL LEADED INDUCTORS
DR217-5 DATATRONICS-DR217-5_14 Datasheet
76Kb / 2P
   DR217-5 SERIES RADIAL LEADED INDUCTORS
DR217-7 DATATRONICS-DR217-7_14 Datasheet
76Kb / 1P
   DR217-7 SERIES RADIAL LEADED INDUCTORS
DR217-1 DATATRONICS-DR217-1_14 Datasheet
77Kb / 2P
   DR217-1 SERIES RADIAL LEADED INDUCTORS
DR217-3 DATATRONICS-DR217-3_14 Datasheet
78Kb / 1P
   DR217-3 SERIES RADIAL LEADED INDUCTORS
DR217-8 DATATRONICS-DR217-8_14 Datasheet
86Kb / 2P
   DR217-8 SERIES RADIAL LEADED INDUCTORS
DR366-2 DATATRONICS-DR366-2 Datasheet
101Kb / 1P
   DR366-2 Series Radial Leaded Shielded Inductors
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com