Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G3157-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G3157-Q1
Description  SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G3157-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC1G3157-Q1 Datasheet HTML 1Page - Texas Instruments SN74LVC1G3157-Q1 Datasheet HTML 2Page - Texas Instruments SN74LVC1G3157-Q1 Datasheet HTML 3Page - Texas Instruments SN74LVC1G3157-Q1 Datasheet HTML 4Page - Texas Instruments SN74LVC1G3157-Q1 Datasheet HTML 5Page - Texas Instruments SN74LVC1G3157-Q1 Datasheet HTML 6Page - Texas Instruments SN74LVC1G3157-Q1 Datasheet HTML 7Page - Texas Instruments SN74LVC1G3157-Q1 Datasheet HTML 8Page - Texas Instruments SN74LVC1G3157-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical Characteristics
SN74LVC1G3157-Q1
SCES463E – JUNE 2003 – REVISED APRIL 2008 ............................................................................................................................................................ www.ti.com
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
VI = 0 V,
IO = 4 mA
11
20
1.65 V
VI = 1.65 V,
IO = –4 mA
15
50
VI = 0 V,
IO = 8 mA
8
12
2.3 V
VI = 2.3 V,
IO = –8 mA
11
30
See Figure 1
ron
On-state switch resistance(2)
VI = 0 V,
IO = 24 mA
7
9.5
and Figure 2
3 V
VI = 3 V,
IO = –24 mA
9
20
VI = 0 V,
IO = 30 mA
6
7.5
VI = 2.4 V,
IO = –30 mA
4.5 V
7
12
VI = 4.5 ,
IO = –30 mA
7
15
IA = –4 mA
1.65 V
140
IA = –8 mA
2.3 V
45
On-state switch resistance
0
≤ VBn ≤ VCC
rrange
over signal range(2)(3)
(see Figure 1 and Figure 2)
IA = –24 mA
3 V
18
IA = –30 mA
4.5 V
10
VBn = 1.15 V, IA = –4 mA
1.65 V
0.5
Difference in on-state
VBn = 1.6 V,
IA = –8 mA
2.3 V
0.1
Δron
resistance between
See Figure 1
VBn = 2.1 V,
IA = –24 mA
3 V
0.1
switches(2)(4)(5)
VBn = 3.15 V, IA = –30 mA
4.5 V
0.1
IA = –4 mA
1.65 V
110
IA = –8 mA
2.3 V
26
On-state resistance
ron(flat)
0
≤ VBn ≤ VCC
flatness(2)(4)(6)
IA = –24 mA
3 V
9
IA = –30 mA
4.5 V
4
±1
1.65 V
Ioff
(7)
Off-state switch leakage current
0
≤ VI, VO ≤ VCC (see Figure 3)
µA
to 5.5 V
±0.05
±1(1)
±1
IS(on)
On-state switch leakage current
VI = VCC or GND, VO = Open (see Figure 4)
5.5 V
µA
±0.1(1)
±1
0 V
IIN
Control input current
0
≤ VIN ≤ VCC
µA
to 5.5 V
±0.05
±1(1)
ICC
Supply current
VIN = VCC or GND
5.5 V
1
10
µA
ΔICC
Supply-current change
VIN = VCC – 0.6 V
5.5 V
500
µA
Control input
Cin
S
5 V
2.7
pF
capacitance
Switch input/output
Cio(off)
Bn
5 V
5.2
pF
capacitance
Bn
17.3
Switch input/output
Cio(on)
5 V
pF
capacitance
A
17.3
(1)
TA = 25°C
(2)
Measured by the voltage drop between I/O pins at the indicated current through the switch. On-state resistance is determined by the
lower of the voltages on the two (A or B) ports.
(3)
Specified by design
(4)
Δron = ron(max) – ron(min) measured at identical VCC, temperature, and voltage levels
(5)
This parameter is characterized, but not tested in production.
(6)
Flatness is defined as the difference between the maximum and minimum values of on-state resistance over the specified range of
conditions.
(7)
Ioff is the same as IS(off) (off-state switch leakage current).
4
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): SN74LVC1G3157-Q1


Similar Part No. - SN74LVC1G3157-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
More results

Similar Description - SN74LVC1G3157-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_07 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
SN74LVC1G3157 TI1-SN74LVC1G3157_17 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Diodes Incorporated
74LVC1G3157 DIODES-74LVC1G3157 Datasheet
1Mb / 18P
   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Unisonic Technologies
U74LVC1G3157 UTC-U74LVC1G3157_15 Datasheet
208Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC1G3157 UTC-U74LVC1G3157_17 Datasheet
153Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_14 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com