Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR349-6-272 Datasheet(PDF) 2 Page - Datatronic Distribution, Inc.

Part # DR349-6-272
Description  SMD INDUCTOR DR349-6 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR349-6-272 Datasheet(HTML) 2 Page - Datatronic Distribution, Inc.

  DR349-6-272 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR349-6-272 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
February 20, 2012
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice. Page 2 of 2
PART NO.
INDUCTANCE (
H)
@ 0A
SRF(MHz) Min.
DCR (
) MAX.
MAX. RATED
CURRENT
(mA) TYP
DR349-6-103
10.00
10%
@2.52MHz
33
2.2
155
DR349-6-123
12.00
10%
@2.52MHz
30
2.5
150
DR349-6-153
15.00
10%
@2.52MHz
26
2.8
140
DR349-6-183
18.00
10%
@2.52MHz
22
3.2
130
DR349-6-223
22.00
10%
@2.52MHz
21
3.6
125
DR349-6-273
27.00
10%
@2.52MHz
19
4.3
115
DR349-6-333
33.00
10%
@2.52MHz
17
4.7
110
DR349-6-393
39.00
10%
@2.52MHz
15
8.1
85
DR349-6-473
47.00
10%
@2.52MHz
14
8.8
80
DR349-6-563
56.00
10%
@2.52MHz
13
10.0
75
DR349-6-683
68.00
10%
@2.52MHz
12
11.5
70
DR349-6-823
82.00
10%
@2.52MHz
11
12.5
65
DR349-6-104
100.0
10%
@0.796MHz
10
13.0
60
MECHANICAL OUTLINES
NOTES:
1.
All dimensions are shown in millimeters “mm”.
2.
General tolerance
0.1mm unless otherwise specified.
3.
Tape and reel quantity, 1500 pcs/reel
4.
For non-RoHS parts replace DR prefix with 42- (e.g. DR349-6 becomes 42-349-6).
5.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020D.
DR349-6
TOP VIEW
2.50
 0.20
0.40
2.00
 0.20
1.80
 0.20
1.40
FRONT VIEW
SIDE VIEW
1.50
1.20
2.00
PCB SOLDER
PAD LAYOUT (REF.)


Similar Part No. - DR349-6-272

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR349-6-272 DATATRONICS-DR349-6-272 Datasheet
67Kb / 2P
   SMD INDUCTOR
More results

Similar Description - DR349-6-272

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR349-3 DATATRONICS-DR349-3_14 Datasheet
59Kb / 2P
   SMD INDUCTOR DR349-3 SERIES
DR349-1 DATATRONICS-DR349-1_14 Datasheet
83Kb / 2P
   SMD INDUCTOR DR349-1 SERIES
DR349-4 DATATRONICS-DR349-4_14 Datasheet
89Kb / 2P
   SMD INDUCTOR DR349-4 SERIES
DR349-2 DATATRONICS-DR349-2_14 Datasheet
87Kb / 2P
   SMD INDUCTOR DR349-2 SERIES
DR353-6 DATATRONICS-DR353-6_14 Datasheet
81Kb / 1P
   SMD INDUCTOR DR353-6 SERIES
DR331-6 DATATRONICS-DR331-6_14 Datasheet
76Kb / 1P
   SMD INDUCTOR DR331-6 SERIES
DR350-6 DATATRONICS-DR350-6_14 Datasheet
78Kb / 1P
   SHIELDED SMD INDUCTOR DR350-6 SERIES
DR358-6 DATATRONICS-DR358-6_14 Datasheet
97Kb / 1P
   SHIELDED SMD INDUCTOR DR358-6 SERIES
DR340-6 DATATRONICS-DR340-6_14 Datasheet
77Kb / 1P
   SHIELDED SMD INDUCTOR DR340-6 SERIES
DR334 DATATRONICS-DR334_14 Datasheet
102Kb / 1P
   SMD INDUCTOR DR334 SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com